Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR700UXRM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # AVR700UXRM
Description  AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR700UXRM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  AVR700UXRM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR700UXRM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR700UXRM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR700UXRM Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR700UXRM Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Battery Recharge Rate (Included
Batteries)
15.8 hours (10% to 90%)
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 83 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Audible Alarm
Alarm is factory muted for silent operation; Audible alarm can be restored to indicate power failure and overload
conditions using PowerAlert UPS management software
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower; Ultra-compact desktop
Primary Form Factor
Desktop
UPS Power Module Dimensions
(hwd, in.)
3.5 x 11.3 x 6
UPS Power Module Dimensions
(hwd, cm)
8.9 x 28.7 x 15.2
UPS Power Module Weight (lbs.)
11
UPS Power Module Weight (kg)
5
UPS Shipping Dimensions (hwd / in.)
4.8 x 13.5 x 8.8
UPS Shipping Dimensions (hwd /
cm)
12.1 x 34.3 x 22.2
Shipping Weight (lbs.)
12
Shipping Weight (kg)
5.4
UPS Housing Material
ABS
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com