Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRX550UD Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AVRX550UD
Description  AVR Series 550VA Ultra-compact Line-Interactive 230V UPS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVRX550UD Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVRX550UD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVRX550UD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVRX550UD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVRX550UD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
of connected equipment, ideal for unattended kiosk applications
Hot swappable user battery replacement
Space saving, ultra-compact housing with support for wall-mount, desktop or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (Watts)
300
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230V nominal inverter output voltage
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
+8%, -21%
Output Voltage Regulation (Battery
Mode)
+/- 5%
UPS Output Receptacles
8 CEE7/7 outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
230V AC
UPS Input Connection Type
CEE 7/7 Schuko
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3 min. (300w)
Half Load Runtime (min.)
9.7 min. (150w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 15 hours from 10% to 90%
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com