Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET600TAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET600TAA
Description  TAA Compliant Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET600TAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET600TAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET600TAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET600TAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET600TAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TAA Compliant Internet Office 600VA Ultra-compact
Standby 120V UPS with USB port
MODEL NUMBER: INTERNET600TAA
Description
Ultra-compact standby UPS with built-in USB monitoring port protects PCs, network workstations and other
systems reliant upon a USB interface for UPS monitoring and unattended system shutdown. Maintains AC
output during blackouts and brownouts starting at 99V. Includes USB monitoring port with cabling, TEL/DSL line
surge suppression, surge-only outlets and LED indicators. PowerAlert software available free via download.
Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
This product is ENERGY STAR qualified for its ability to save customers money while helping to protect the environment
INTERNET600TAA standby UPS offers protection from blackouts, brownouts and surges on both AC and dialup modem lines
Provides seamless battery derived AC output during blackouts and severe brownouts so that connected equipment can be shut down without data loss
Built-in USB (HID compliant) interface port enables automatic system shutdown if power fails while the system runs unattended
PowerAlert software available via free download from http://www.tripplite.com, cable included
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
4 battery supported outlets protect computer, monitor and other vital system peripherals, plus 4 additional surge suppression-only outlets for printers and
other system accessories not requiring battery support
Attractive stealth black UPS color scheme
Built-in single line phone jacks with line splitter protects peripherals with a standard dialup phone line connection
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation
600VA /300 watt power handling ability supports entry-level PC systems for several minutes during power fail conditions
Includes attached 6 ft. AC power cord, on/off power switch
Compatible with 120V/60 Hz applications in USA, Canada, Mexico and other countries
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Specifications
Highlights
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
600VA ultra-compact 120V
standby UPS
4 UPS battery supported outlets,
4 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
INTERNET600TAA UPS system
USB cable
Instruction manual
1 / 4


Similar Part No. - INTERNET600TAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET600TAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA Datasheet
524Kb / 4P
TAA Compliant Internet Office 900VA Ultra-compact Standby 120V UPS
INTERNET900TAA TRIPPLITE-INTERNET900TAA_15 Datasheet
525Kb / 4P
TAA-Compliant Internet Office 120V 900VA 480W Standby UPS, Ultra-Compact Desktop, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com