Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET600U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET600U
Description  Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET600U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET600U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET600U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET600U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET600U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internet Office 600VA Ultra-compact Standby 120V
UPS with USB port
MODEL NUMBER: INTERNET600U
Description
Ultra-compact standby UPS with built-in USB monitoring port protects PCs, network workstations and other
systems reliant upon a USB interface for UPS monitoring and unattended system shutdown. Maintains AC
output during blackouts and brownouts starting at 99V. Includes USB monitoring port with cabling, TEL/DSL line surge suppression, surge-only outlets and
LED indicators. PowerAlert software available free via download.
Features
INTERNET600U standby UPS offers protection from blackouts, brownouts and surges on both AC and dialup modem lines
Provides seamless battery derived AC output during blackouts and severe brownouts so that connected equipment can be shut down without data loss
Built-in USB (HID compliant) interface port enables automatic system shutdown if power fails while the system runs unattended
PowerAlert software available via free download from http://www.tripplite.com, cable included
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
4 battery supported outlets protect computer, monitor and other vital system peripherals, plus 4 additional surge suppression-only outlets for printers and
other system accessories not requiring battery support
Attractive stealth black UPS color scheme
Built-in single line phone jacks with line splitter protects peripherals with a standard dialup phone line connection
Built-in audible alarm and front panel LEDs offer continuous status information regarding line and battery power operation
600VA /300 watt power handling ability supports entry-level PC systems for several minutes during power fail conditions
Includes attached 6 ft. AC power cord, on/off power switch
Compatible with 120V/60 Hz applications in USA, Canada, Mexico and other countries
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
$100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
Highlights
600VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
4 UPS battery supported outlets,
4 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
This product is ENERGY STAR
qualified for its ability to save
customers money while
helping to protect the
environment
Package Includes
INTERNET600U UPS system
USB cable
Instruction manual
1 / 4


Similar Part No. - INTERNET600U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET600U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET600TAA TRIPPLITE-INTERNET600TAA Datasheet
523Kb / 4P
TAA Compliant Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET900U TRIPPLITE-INTERNET900U Datasheet
521Kb / 4P
Internet Office 900VA Ultra-compact Standby 120V UPS with USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com