Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTERNET750U Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # INTERNET750U
Description  Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET750U Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  INTERNET750U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET750U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET750U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET750U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internet Office 750VA Ultra-compact Standby 120V
UPS with USB port
MODEL NUMBER: INTERNET750U
Description
Tripp Lite's INTERNET750U standby UPS offers complete protection for PCs, workstations and other sensitive electronics in an attractive, ultra-compact,
mountable housing. Prevents data loss and system downtime by providing battery-supported AC output during brownouts and blackouts. 12 widely spaced
output receptacles accommodate large transformer plugs without blocking outlets. 6 outlets provide full battery support and surge suppression for computers,
monitors and other vital system components. 6 additional surge suppression-only outlets are ideal for printers and other accessories not requiring battery
support. Single-line telephone suppression jacks protect directly connected modems, fax machines, cordless phones or other peripherals sharing a standard
dialup or DSL phone line connection. USB port with PowerAlert monitoring software and cabling enables a safe, unattended system shutdown. HID-compliant
USB interface enables integration with built-in power management and auto-shutdown features of Windows and Mac OS X. Audible alarm and front panel
LEDs offer status information regarding line and battery power operation. 750VA/450W power handling ability supports entry-level PC with small monitor
consuming 60 watts for up to 45 min. during power failures. $100,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
INTERNET750U standby UPS offers complete protection from blackouts, brownouts and surges on AC and tel/DSL dataline connections
12 widely spaced outlets accommodate large transformer plugs without blocking outlets
6 battery-supported outlets protect computers and vital system peripherals. 6 surge suppression-only outlets protect system accessories that do not
require battery support
Provides battery-derived AC output during blackouts and brownouts
750VA/450W power handling ability supports a variety of PCs, workstations and other sensitive electronics
Supports entry-level PC with small monitor consuming 60 watts for up to 45 min. during blackouts
Single-line telephone suppression jacks protect directly connected modems, fax machines, cordless phones or other peripherals sharing a standard dialup
or DSL phone line connection
USB communications interface, FREE PowerAlert Software and cabling provide monitoring of site power conditions
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment; ideal for unattended kiosk applications
Space-saving ultra-compact housing
Keyhole mounting flanges enable secure wallmount installation
Highlights
750VA ultra-compact 120V
standby UPS
Maintains AC output during power
failures
6 UPS battery supported outlets,
6 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 99% efficient
NEMA 5-15P input plug and 12
NEMA 5-15R outlets
Package Includes
INTERNET750U UPS System
USB cable
Instruction manual
1 / 4


Similar Part No. - INTERNET750U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET750U TRIPPLITE-INTERNET750U_15 Datasheet
508Kb / 4P
Internet Office 120V 750VA 450W Standby UPS,Ultra-Compact Desktop, USB port
More results

Similar Description - INTERNET750U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNETOFFICE300 ETC2-INTERNETOFFICE300 Datasheet
509Kb / 5P
Internet Office 300VA Ultra-compact Standby 120V UPS
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
INTERNET900U TRIPPLITE-INTERNET900U Datasheet
521Kb / 4P
Internet Office 900VA Ultra-compact Standby 120V UPS with USB port
INTERNET750U TRIPPLITE-INTERNET750U_15 Datasheet
508Kb / 4P
Internet Office 120V 750VA 450W Standby UPS,Ultra-Compact Desktop, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com