Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABC20
Description  Positive resin, blue coloured bleue, without marbling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABC20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABC20 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABC20 Datasheet HTML 2Page - List of Unclassifed Manufacturers ABC20 Datasheet HTML 3Page - List of Unclassifed Manufacturers ABC20 Datasheet HTML 4Page - List of Unclassifed Manufacturers ABC20 Datasheet HTML 5Page - List of Unclassifed Manufacturers ABC20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIF
090917
Réf. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
Epoxy base 16/10th - 35 µ
• Positive resin, blue coloured bleue, without marbling
• Micro definition
• Resin thickness: 2,5 µ.
• Adhesive anti UV protection.
• Guarantee 5 years.
• Individual plastic packaging
• Excellent quality
• Resists to every acids
• Long life storage
Size in mm
1 side
2 sides
150 x 200
AA 15
AB 15
Epoxy base 4/10th - 35 µ
Size in mm
1 side
2 sides
100 x 160
AAC 16
ABC 16
200 x 300
AAC 20
ABC 20
Epoxy base 8/10th - 35 µ
- high qualified stratified
- 8 glass tissue layers
- Standard MIL 13949 F for FR4
- UL 94 Vo
Exists in 2 and 4/10th, upon request.
size in mm
1 side
2 sides
100 x 160
ADB 16
AEB 16
200 x 300
ADB 20
AEB 20
Edité le 13/11/2008
Page N°1/6


Similar Part No. - ABC20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABC20 ETC2-ABC20 Datasheet
233Kb / 6P
R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
logo
Power-One
ABC200-1012G POWER-ONE-ABC200-1012G Datasheet
733Kb / 12P
High efficiency over 91% at 230
logo
Bel Fuse Inc.
ABC200-1012G BEL-ABC200-1012G Datasheet
1Mb / 11P
Active Power Factor Correction
ABC200-1012G BEL-ABC200-1012G Datasheet
1Mb / 11P
High Efficiency up to 91% at 230 VAC
More results

Similar Description - ABC20

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
031-50722-002 JAE-031-50722-002 Datasheet
75Kb / 1P
CLIP - SYNTHETIC RESIN
031-50600-002 JAE-031-50600-002 Datasheet
77Kb / 1P
CLIP - SYNTHETIC RESIN
logo
Sharp Corporation
PT481E00000F SHARP-PT481E00000F Datasheet
816Kb / 9P
Pale Blue Transparent Resin, Narrow Angle, Darlington Phototransistor
logo
OSRAM GmbH
66140CBI35WPK OSRAM-66140CBI35WPK Datasheet
138Kb / 4P
Blue effect without coating
logo
Everlight Electronics C...
EALP03SXAOA0-AM EVERLIGHT-EALP03SXAOA0-AM Datasheet
548Kb / 15P
Colorless clear resin.
EALP03SXARA0-AM EVERLIGHT-EALP03SXARA0-AM Datasheet
487Kb / 12P
Colorless clear resin
EALP03SXCYA0-AM EVERLIGHT-EALP03SXCYA0-AM Datasheet
496Kb / 12P
Colorless clear resin.
logo
DISCO Corporation
MDTFR150-02 DISCO-MDTFR150-02 Datasheet
164Kb / 1P
Resin frame
logo
Schneider Electric
ZB5AA9 SCHNEIDER-ZB5AA9 Datasheet
175Kb / 9P
flush pushbutton head 횠22 spring return with 6 coloured caps unmarked
Aug 15, 2019
logo
List of Unclassifed Man...
ER2220 ETC1-ER2220 Datasheet
308Kb / 6P
Epoxy Resin
02 February 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com