Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB2TS Datasheet(PDF) 2 Page - OptoSupply International

Part # FSB2TS
Description  PRODUCT SPECIFICATION FOR LED Ribbon Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FSB2TS Datasheet(HTML) 2 Page - OptoSupply International

  FSB2TS Datasheet HTML 1Page - OptoSupply International FSB2TS Datasheet HTML 2Page - OptoSupply International FSB2TS Datasheet HTML 3Page - OptoSupply International FSB2TS Datasheet HTML 4Page - OptoSupply International FSB2TS Datasheet HTML 5Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Device Selection Guide
1
Module No.
Color
Dom. Wavelength
(Typ.)
Intensity / Per LED
(Typ.)
Red
625±5nm
750mcd
Green
525±5nm
1120mcd
OSTCDBS4C1A
Blue
470±5nm
400mcd
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
14
V
Input Current (DC)
Ii
0.4
A
Power Dissipation
Pa
5.6
W
LED Light Source Temperature
Tled
105
DegC
Operating Temperature
Tope
-10 ~ +40
DegC
Storage Temperature
Tsto
-20 ~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol Min.
Typ.
Max.
Units
RGB Flashing Controller and
strip light
Input Voltage(DC)
Vi
12
14
V
RGB Flashing Controller and
strip light
Product Input Current
If
0.3
0.4
A
RGB Flashing Controller and
strip light
Module Power
Pm
3.6
5.6
W
Beam Pattern
BP
-
120
-
Deg
Power Dissipation
PD
120
mW
LED Quantity
OTY
-
18
-
PCS
Total Length of Modules (Including Pin)
Lmod.
-
338
-
mm
Net Weight
Wei.
---
17
---
g
Model No.
RGB Flashing
Controller-FSB2TS
REV.
C3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com