Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB3TS Datasheet(PDF) 1 Page - OptoSupply International

Part # FSB3TS
Description  PRODUCT SPECIFICATION FOR LED Ribbon Light
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

FSB3TS Datasheet(HTML) 1 Page - OptoSupply International

  FSB3TS Datasheet HTML 1Page - OptoSupply International FSB3TS Datasheet HTML 2Page - OptoSupply International FSB3TS Datasheet HTML 3Page - OptoSupply International FSB3TS Datasheet HTML 4Page - OptoSupply International FSB3TS Datasheet HTML 5Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PRODUCT SPECIFICATION FOR LED Ribbon Light
Descriptions:
1
Linear separable LED strip on flexible printed circuit board with self-adhesive
back
Long life, easy Installation
Voltages available 12VDC, IP65.
LED type SMD 5050
Features:
1
Available in red, green, blue,
Directly use on line voltage
Low power consumption, high intensity
Energy saving
Excellent beam control
Long life
RGB flashing light Controller PCBA
Use 366F LED Controller
Driving R, G, B LED to flash
Four sequential flashing mode
12 seconds flashing cycle
Application:
1
Auto lighting
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Decorate building’s contour
Substitute neon light
Product Picture:
1
Model No.
RGB Flashing
Controller-FSB3TS
REV.
C3


Similar Part No. - FSB3TS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
Smart Power Module
More results

Similar Description - FSB3TS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FSB2TS OPTOSUPPLY-FSB2TS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
FSBDTS OPTOSUPPLY-FSBDTS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
FSBHTS OPTOSUPPLY-FSBHTS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSA3XS OPTOSUPPLY-LSA3XS Datasheet
933Kb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSB1XS OPTOSUPPLY-LSB1XS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSB2XS OPTOSUPPLY-LSB2XS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSBDXS OPTOSUPPLY-LSBDXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSBHXS OPTOSUPPLY-LSBHXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSJDXS OPTOSUPPLY-LSJDXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSJEXS OPTOSUPPLY-LSJEXS Datasheet
971Kb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com