Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSB3XS Datasheet(PDF) 1 Page - OptoSupply International

Part # LSB3XS
Description  PRODUCT SPECIFICATION FOR LED Ribbon Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

LSB3XS Datasheet(HTML) 1 Page - OptoSupply International

  LSB3XS Datasheet HTML 1Page - OptoSupply International LSB3XS Datasheet HTML 2Page - OptoSupply International LSB3XS Datasheet HTML 3Page - OptoSupply International LSB3XS Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PRODUCT SPECIFICATION FOR LED Ribbon Light
Descriptions:
1
Linear separable LED strip on flexible printed circuit board with self-
adhesive back
Long life, easy installation
Voltages available 12VDC
LED type SMD 5050
Features:
1
Available in red, orange, yellow, green, blue, white, etc
Directly use on line voltage
Low power consumption, high intensity
Energy saving
Excellent beam control
Long life
Application:
1
Inside of Auto lighting
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Decorate building’s contour
Substitute neon light
Product Picture:
1
Model No.
LSB3XS
REV.
C2


Similar Part No. - LSB3XS

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSB3K HONEYWELL-LSB3K Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSB3XS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FSB2TS OPTOSUPPLY-FSB2TS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
FSB3TS OPTOSUPPLY-FSB3TS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
FSBDTS OPTOSUPPLY-FSBDTS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
FSBHTS OPTOSUPPLY-FSBHTS Datasheet
1Mb / 5P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSA3XS OPTOSUPPLY-LSA3XS Datasheet
933Kb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSB1XS OPTOSUPPLY-LSB1XS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSB2XS OPTOSUPPLY-LSB2XS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSBDXS OPTOSUPPLY-LSBDXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSBHXS OPTOSUPPLY-LSBHXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
LSJDXS OPTOSUPPLY-LSJDXS Datasheet
1Mb / 4P
PRODUCT SPECIFICATION FOR LED Ribbon Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com