Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2111STR Datasheet(PDF) 9 Page - International Rectifier

Part # IR2111STR
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111STR Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2111STR Datasheet HTML 5Page - International Rectifier IR2111STR Datasheet HTML 6Page - International Rectifier IR2111STR Datasheet HTML 7Page - International Rectifier IR2111STR Datasheet HTML 8Page - International Rectifier IR2111STR Datasheet HTML 9Page - International Rectifier IR2111STR Datasheet HTML 10Page - International Rectifier IR2111STR Datasheet HTML 11Page - International Rectifier IR2111STR Datasheet HTML 12Page - International Rectifier IR2111STR Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IR2111(S)&(PbF)
www.irf.com
9
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Max.
Temperature (°C)
0
100
200
300
400
500
0
100
200
300
400
500
600
Max .
V B B oos t V oltage (v)
Figure 20B Offset Supply Current vs Voltage
Figure 20A Offset Supply Current vs
Temperature
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Max.
Typ
.
Temperature (°C)
0
50
100
150
200
10
12
14
16
18
20
Max.
Typ.
VBS Floating Supply Voltage (V)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Typ.
Max.
Temperature (°C)
Figure 21A VBS Supply Current vs Temperature
Figure 21B VBS Supply Current vs Voltage
Figure 22A VCC Supply Current vs Temperature
Figure 22B VCC Supply Current vs Voltage
0
10 0
20 0
30 0
40 0
50 0
10
12
14
16
18
2 0
Vc c F ixed S u pp ly V o lta g e (V )
Max
Typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com