Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXSP24N60B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSP24N60B
Description  High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSP24N60B Datasheet(HTML) 2 Page - IXYS Corporation

  IXSP24N60B Datasheet HTML 1Page - IXYS Corporation IXSP24N60B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106
5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796
5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
9
13
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
1450
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
130
pF
C
res
37
pF
Q
g
41
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
18
nC
Q
gc
18
nC
t
d(on)
50
n s
t
ri
50
n s
t
d(off)
150
250
ns
t
fi
170
300
ns
E
off
1.3
2.6
mJ
t
d(on)
55
n s
t
ri
75
ns
E
on
1.2
mJ
t
d(off)
190
n s
t
fi
280
ns
E
off
2.4
mJ
R
thJC
0.83 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V,
V
CE = 0.8 VCES, RG = 33 Ω
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V, L = 100 µH
V
CE = 0.8 VCES, RG = 33 Ω
IXSP 24N60B
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com