Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP1N100P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP1N100P
Description  Polar Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP1N100P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP1N100P Datasheet HTML 1Page - IXYS Corporation IXTP1N100P Datasheet HTML 2Page - IXYS Corporation IXTP1N100P Datasheet HTML 3Page - IXYS Corporation IXTP1N100P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1000
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
1.0
A
I
DM
T
C = 25°C, pulse width limited by TJM
1.8
A
I
A
T
C = 25°C
1.0
A
E
AS
T
C = 25°C
100
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C50
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque
(TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.50
g
TO-220
3.00
g
TO-252
0.35
g
DS99234G(4/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1000
V
V
GS(th)
V
DS = VGS, ID = 50μA
2.5
4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±50 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
100
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
12.2
15
Ω
PolarTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTA1N100P
IXTP1N100P
IXTY1N100P
V
DSS
= 1000V
I
D25
= 1.0A
R
DS(on) ≤
≤≤≤≤ 15Ω
Ω
Ω
Ω
Ω
G = Gate
D = Drain
S = Source
TAB = Drain
Features
International standard packages
Unclamped Inductive Switching
(UIS) rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
TO-263 (I
XTA)
TO-220 (I
XTP)
D
(TAB)
G
S
G
S
(TAB)
G
S
(TAB)
TO-252 (IXTY)
Applications
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Laser Drivers
AC and DC motor controls
Robotics and servo controls


Similar Part No. - IXTP1N100P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP1N100P ISC-IXTP1N100P Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP1N100P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN26N120P IXYS-IXFN26N120P Datasheet
115Kb / 4P
Polar Power MOSFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
IXTA06N120P IXYS-IXTA06N120P Datasheet
121Kb / 4P
Polar Power MOSFET
IXTP18N60PM IXYS-IXTP18N60PM Datasheet
121Kb / 4P
Polar Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com