Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N136-020E Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N136-020E
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N136-020E Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N136-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED 6N136-020E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
10
5
0
010
20
VO - OUTPUT VOLTAGE - V
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
T = 25°C
V
= 5.0 V
A
CC
8 PIN DIP, SO-8
12
8
0
010
20
VO - OUTPUT VOLTAGE - V
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
4
16
T = 25°C
V
= 5.0 V
A
CC
WIDEBODY
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 5 V
T = 25°C
F
O
CC
A
6N135, HCPL-0500
1.5
1.0
0.5
0.1
0
1
10
100
IF - INPUT CURRENT - mA
6N136, HCPL-2502
HCPL-0501
8 PIN DIP, SO-8
F
O
CC
A
0
0
1
10
100
IF - INPUT CURRENT - mA
1.5
0.5
1.0
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 4.5 V
T = 25 °C
HCNW135/6
WIDEBODY
VF - FORWARD VOLTAGE - VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
-
8 PIN DIP, SO-8
VF - FORWARD VOLTAGE - VOLTS
1000
100
10
1.0
0.1
0.01
0.001
1.2 1.3
1.4
1.5
T = 25° C
A
IF
VF
+
-
1.8
1.7
1.6
WIDEBODY
Figure 2. Current transfer ratio vs. input current.
Figure 3. Input current vs. forward voltage.
Figure 1. DC and pulsed transfer characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com