Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS4WNLZ2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OS4WNLZ2C1P
Description  Super Flux 20VWhite LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS4WNLZ2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OS4WNLZ2C1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x 2
20
0V
V W
Wh
hiitte
e L
LE
ED
D
OS4WNLZ2C1P
■
Features
■
Outline Dimension
●
Higher Luminous Output
●
5φStandard Directivity
●
Superior Weather-resistance
●
Long Lifetime Operation
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Illuminations
●
Reading Lamps / Emergency Lighting
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
12
mA
Pulse Forward Current*
IFP
40
mA
Reverse Voltage
VR
25
V
Power Dissipation
PD
240
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=10mA
16
17.5
20
V
DC Reverse Current
IR
VR=25V
-
-
10
µA
Luminous Flux
Φv
IF=10mA
25
30
-
lm
Color Temperature
CCT
IF=10mA
-
6500
-
K
x
IF=10mA
-
0.31
-
Chromaticity
Coordinate*2
y
IF=10mA
-
0.33
-
50% Power Angle
2θ1/2
IF=10mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates +10%
*2 Tolerance of luminous flux is +15%
LED & Application Technologies


Similar Part No. - OS4WNLZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS4WNL56F1A OPTOSUPPLY-OS4WNL56F1A Datasheet
70Kb / 1P
4.8mm Straw Pure White LED
More results

Similar Description - OS4WNLZ2C1P

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
Super Flux LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com