Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

62295-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 62295-1
Description  AMPLIVAR Splices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

62295-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 62295-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 62295-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
52
AMPLIVAR Terminals
Magnet Wire Terminals and Termination Systems
Catalog 82221
Revised 10-02
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Products Facts
s
Ring tongue terminals
available for 2 to 3/8 stud
diameters
s
FASTON Tab terminals
accept .125 [3.18], .187
[4.75] and .250 [6.35]
receptacle terminals
s
FASTON Receptacle
terminals accept .187 [4.75]
and .250 [6.35] tab
terminals
s
FASTON Stator Receptacle
accept .250 x .032 [6.35 x
0.81] tab terminal
s
Pin receptacle terminals
accept .062 [1.57] and .090
[2.29] diameter pins
Applications
s
Motor windings
s
Transformers
s
Power supplies
s
Starters and alternators
AMPLIVAR magnet wire
terminals are designed to
terminate copper and/or
aluminum magnet wire.
Terminals are insulation
displacing; therefore,
magnet wires do not require
a separate prestripping
operation.
The unique wire barrel
design, with serrations and
burrs, produces a superior
metal-to-metal compression
crimp with excellent tensile
strength.
Terminals are available in a
variety of ring tongue,
FASTON straight, flag and
stator receptacles and tab
quick-disconnect style
terminals.
Direct connection to
magnet wire eliminates the
need for separate stranded
wire terminal connection to
input/output devices.
Matched with AMP
automated application
tooling allows high
production rates for strip-
form terminals.
Product Specifications describe the
product qualification test results
completed by Tyco Electronics for
consideration of product use in a
specific application. They are intended
for the Design and Product Reliability
Engineer.
108-16000 — AMPLIVAR Ring Tongue
Terminals
108-1718 — AMPLIVAR .125 Blade
Terminals [Type A]
114-2145
AMPLIVAR .125
Blade Terminals
114-2146
AMPLIVAR
FASTIN-FASTON
Series 187 Tab
Terminals
114-2070
AMPLIVAR
FASTON Series
250 Tab Terminals
114-2144
AMPLIVAR
FASTON Series
.250 Straight
Receptacle
Terminals
114-2152
AMPLIVAR Flag
FASTON Series
187 & 250
Receptacle
Terminal
114-2080
AMPLIVAR Pin
Receptacle
Terminals [Type A]
114-2128
AMPLIVAR Stator
Receptacle with
FASTON Mating
End
Technical Documents
Application Specifications describe requirements for using the
product in its intended application and or crimping information.
They are intended for the Packaging and Design Engineer and the
Machine Setup Person.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com