Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F130461 Datasheet(PDF) 1 Page - E-SWITCH

Part # F130461
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

F130461 Datasheet(HTML) 1 Page - E-SWITCH

  F130461 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RR3112BBLKGRNFF2
2:1
4/27/2009
F130461
A
BLR
1
1
RECOMMENDED PANEL MOUNTING
CONTACT FACTORY FOR PANELS
0.7 - 1.99 mm THICK
SWITCH FUNCTION
POS. 1
POS. 2
ON
OFF
2-1
OPEN
POS. 1
POS. 2
A
18473
RELEASE FOR PRODUCTION
4/27/09
BLR
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.x=±0.4
x.xx=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING:
16A @ 125VAC, 10A @ 250VAC : UL & CUL APPROVED
10A @ 125VAC, 6A @ 250VAC : VDE APPROVED
5. CONTACT RESISTANCE: 50 MILLI-OHMS MAX.
6. INSULATION RESISTANCE: DC 500V 100 OHM MIN.
7. DIELECTRIC STRENGTH: AC 1500V 1 MINUTE
8. OPERATING TEMP: -20°C TO 85°C
9. PANEL THICKNESS: 0.7 - 3.0 mm
10. LAMP: 220 VAC NEON BULB
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
2.00
[.079 in]
3.80
[.150 in]
2.00
[.079 in]
14.50
[.571 in]
8.30
[.327 in]
7.10
[.280 in]
n2.20
[.087 in]
4.75
[.187 in]
10.70
[.421 in]
19.80
[.780 in]
.80
[.031 in]
1
2
1
1
2
11.00 -.00
.10
+
.433 - .000
.004
+
in
[]
2.20 - .00
.10
+
.087 -.000
.004
+
in
[]
10.10
R
- .00
.10
+
.398 -.000
.004
+
in
[]
CHARACTER MARKINGS
ARE PRINTED WHITE
ALIGNMENT
KEY
2
1
CIRCUIT: SPST
ON - NONE - OFF
3
3
3
TRANSPARENT
GREEN
BUTTON
NEON BULB
220 VAC
n23.00
[.906 in]


Similar Part No. - F130461

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
F130460 E-SWITCH-F130460 Datasheet
261Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - F130461

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com