Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7703401YA Datasheet(PDF) 8 Page - Microsemi Corporation

Part # 7703401YA
Description  1.5A Three Terminal Adj. Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

7703401YA Datasheet(HTML) 8 Page - Microsemi Corporation

  7703401YA Datasheet HTML 1Page - Microsemi Corporation 7703401YA Datasheet HTML 2Page - Microsemi Corporation 7703401YA Datasheet HTML 3Page - Microsemi Corporation 7703401YA Datasheet HTML 4Page - Microsemi Corporation 7703401YA Datasheet HTML 5Page - Microsemi Corporation 7703401YA Datasheet HTML 6Page - Microsemi Corporation 7703401YA Datasheet HTML 7Page - Microsemi Corporation 7703401YA Datasheet HTML 8Page - Microsemi Corporation 7703401YA Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
APPLICATION IN FORMATION (CONTINUED )
BYPASS CAPACITORS
Input bypassing using a 1μF tantalum or 25μF electrolytic is
recommended when the input filter capacitors are more than 5
inches from the device. A 0.1µF bypass capacitor on the
ADJUST pin is required if the load current varies by more than
1A/µsec.
Improved
ripple
rejection
(80dB)
can
be
accomplished by adding a 10μF capacitor from the adjust pin
to ground. For improved AC transient response and to prevent
the possibility of oscillation due to unknown reactive load, a
1μF capacitor is also recommended at the output. Because of
their low impedance at high frequencies, the best type of
capacitor to use is solid tantalum.
Figure 20 – Remote Sensing
Figure 21 – Improving Ripple Rejection
LOAD REGULATION
Because the SG117A is a three-terminal device, it is not
possible to provide true remote load sensing. Load regulation
will be limited by the resistance of the wire connecting the
regulator to the load. For the data sheet specification,
regulation is measured at the bottom of the package. Negative
side sensing is a true Kelvin connection, with the bottom of the
output divider returned to the negative side of the load.
Although it may not be immediately obvious, best load
regulation is obtained when the top of the divider is connected
directly to the case, not to the load. This is illustrated in Figure
18. If R1 were connected to the load, the effective resistance
between the regulator and the load would be
Resistance
Line
Parasitic
R
,
R
R
R
R
P
1
1
2
P
=
+
•
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Connected as shown, RP is not multiplied by the divider
ratio. RP is about 0.004Ω per foot using 16 gauge wire. This
translates to 4mV/ft. at 1A load current, so it is important to
keep the positive lead between regulator and load as short as
possible.
Figure 22 – 5V Regulator with Shut Down
Figure 23 – 21V Programming Supply for UV Prom/ EEPROM
Figure 24 – 2816 EEPROM Supply Programmer for Read / Write
Control
Figure 25 – Temperature Compensated Lead Acid Battery
Charger



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com