Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

317 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 317
Description  1.5A Three Terminal Adj. Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

317 Datasheet(HTML) 1 Page - Microsemi Corporation

  317 Datasheet HTML 1Page - Microsemi Corporation 317 Datasheet HTML 2Page - Microsemi Corporation 317 Datasheet HTML 3Page - Microsemi Corporation 317 Datasheet HTML 4Page - Microsemi Corporation 317 Datasheet HTML 5Page - Microsemi Corporation 317 Datasheet HTML 6Page - Microsemi Corporation 317 Datasheet HTML 7Page - Microsemi Corporation 317 Datasheet HTML 8Page - Microsemi Corporation 317 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
DESCRIPTION
The SG117A Series are 3-terminal
positive adjustable voltage regulators
which offer improved performance
over the original 117 design. A major
feature of the SG117A is reference
voltage tolerance guaranteed within ±
1%, allowing an overall power supply
tolerance to be better than 3% using
inexpensive 1% resistors. Line and
load regulation performance has been
improved as well.
Additionally, the SG117A reference
voltage is guaranteed not to exceed 2%
when operating over the full load, line
and power dissipation conditions. The
SG117A adjustable regulators offer an
improved
solution
for
all
positive
voltage regulator requirements with
load currents up to 1.5A.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
1% output voltage tolerance
0.01%/V line regulation
0.3% load regulation
Min. 1.5A output current
Available in hermetic TO-220
HIGH RELIABILITY FEATURES-
SG117A/SG117
Available to MIL-STD-883 and
DSCC SMD
MIL-M38510/11704BYA - JAN117K
MIL-M38510/11703BXA - JAN117T
LMI level "S" processing available
SCHEMAT I C DIAGRAM


Similar Part No. - 317

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
317 MKS-317 Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
Fluke Corporation
317 FLUKE-317 Datasheet
1Mb / 22P
Clamp Meter
logo
Adafruit Industries
317 ADAFRUIT-317 Datasheet
293Kb / 1P
EL wire 2xAA pocket inverter
logo
Marathon Special Produc...
317 MARATHON-317 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
HellermannTyton.
317-00070 HELLERMANNTYTON-317-00070 Datasheet
183Kb / 1P
Heat shrink tubing 4:1 - 1.2 m lengths TX46 - high temperature adhesive, self-extinguishing
23.10.2023
More results

Similar Description - 317

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
THREE-TERMINAL VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117 MICROSEMI-SG117_06 Datasheet
359Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Guangdong Kexin Industr...
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
Three-terminal Voltage Regulator
logo
Microsemi Corporation
7703401ZA MICROSEMI-7703401ZA Datasheet
365Kb / 9P
TM 1.5A Three Terminal Adj. Voltage Regulator
SG117AIG-DESC MICROSEMI-SG117AIG-DESC Datasheet
365Kb / 9P
1.5A Three Terminal Adj. Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
Three-Terminal Voltage Regulator
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
Three-Terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
Three-terminal voltage regulator
Rev.A
logo
Microsemi Corporation
SG117AHV MICROSEMI-SG117AHV Datasheet
455Kb / 13P
1.5A Three Terminal Adj. Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com