Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMDM Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMDM
Description  Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDM Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMDM Datasheet HTML 1Page - Wall Industries,Inc. CMDM Datasheet HTML 2Page - Wall Industries,Inc. CMDM Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDM Series
15 Watt, Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev B
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output
Voltage
Min. load
Full load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Efficiency
(4)
Capacitor
(5)
Load max
CMDM12S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
30mA
1467mA
79%
10200uF
CMDM12S5-3000
5 VDC
15mA
3000mA
50mVp-p
25mA
1603mA
82%
7050uF
CMDM12S12-1250
12 VDC
0mA
1250mA
50mVp-p
25mA
1524mA
86%
1035uF
CMDM12S15-1000
12 VDC
(9 - 18 VDC)
15 VDC
0mA
1000mA
50mVp-p
20mA
1524mA
86%
705uF
CMDM24S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
15mA
724mA
80%
10200uF
CMDM24S5-3000
5 VDC
15mA
3000mA
50mVp-p
10mA
781mA
84%
7050uF
CMDM24S12-1250
12 VDC
0mA
1250mA
50mVp-p
20mA
772mA
85%
1035uF
CMDM24S15-1000
24 VDC
(18 - 36 VDC)
15 VDC
10mA
1000mA
50mVp-p
15mA
772mA
85%
705uF
CMDM48S3.3-4000
3.3 VDC
0mA
4000mA
50mVp-p
10mA
357mA
81%
10200uF
CMDM48S5-3000
5 VDC
0mA
3000mA
50mVp-p
20mA
396mA
83%
7050uF
CMDM48S12-1250
12 VDC
10mA
1250mA
50mVp-p
15mA
377mA
87%
1035uF
CMDM48S15-1000
48 VDC
(36 - 75 VDC)
15 VDC
0mA
1000mA
50mVp-p
15mA
381mA
86%
705uF
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
2. Maximum value at nominal input voltage and full load
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not
damage these devices, however they may not meet all listed specifications.
7. The ON/OFF control pin voltage is referenced to -Vin.
To order positive logic ON/OFF control add the suffix P (Ex: CMDM48S5-3000P)
To order negative logic ON/OFF control add the suffix R (Ex: CMDM48S5-3000R)
8. Heat sink is optional, consult factory.
9. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES & EFFICIENCY GRAPHS
FEC15-48S05 Derating Curve
With Heatsink (Note 8 )
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
69
FEC15-48S05 Derating Curve
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE(℃)
63
FEC15-48S05
Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (% of Full Load)
FEC15-48S05
Efficiency VS Input Voltage
74%
76%
78%
80%
82%
84%
86%
36
40
44
48
52
56
60
64
68
72
INPUT VOLTAGE (V)
Ambient Temperature (°C)
Ambient Temperature (°C)
CMDM48S5-3000 Derating Curve
CMDM48S5-3000
Derating Curve With Heat Sink (Note 8)
CMDM48S5-3000 Efficiency vs Output Load
CMDM48S5-3000 Efficiency vs Input Voltage
Output Load (% of Full Load)
Input Voltage (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com