Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2252 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STMPS2252
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2252 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STMPS2252 Datasheet HTML 6Page - STMicroelectronics STMPS2252 Datasheet HTML 7Page - STMicroelectronics STMPS2252 Datasheet HTML 8Page - STMicroelectronics STMPS2252 Datasheet HTML 9Page - STMicroelectronics STMPS2252 Datasheet HTML 10Page - STMicroelectronics STMPS2252 Datasheet HTML 11Page - STMicroelectronics STMPS2252 Datasheet HTML 12Page - STMicroelectronics STMPS2252 Datasheet HTML 13Page - STMicroelectronics STMPS2252 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical specifications
STMPS2242, STMPS2252, STMPS2262, STMPS2272
10/42
Doc ID 15050 Rev 3
5
Electrical specifications
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
Rds(on)
Static drain source
ON state resistance
VI =2.7 V
TJ = 25°C
120
160
m
Ω
VI =5.0 V
TJ = 25°C;
105
115
m
Ω
Rds(on)
Static drain source
ON state resistance
VI =2.7 V
-40 < TJ <125°C
200
m
Ω
VI =5.0 V
-40 < TJ <125°C
140
tr
Output rise time
(STMPS2242,STMPS2252)
VI =5.0 V
RLOAD =10 Ω
CLOAD =1 µF
0.05
2
ms
Output rise time
(STMPS2262,STMPS2272)
VI =5.0 V
RLOAD =10 Ω
CLOAD =1 µF
0.05
2
ms
tf
Output fall time
(STMPS2242,STMPS2252)
VI =5.0 V
RLOAD =10 Ω
CLOAD =1 µF
0.05
2
ms
Output fall time
(STMPS2262,STMPS2272
VI =5.0 V
RLOAD =10 Ω
CLOAD =1 µF
0.05
2
ms
Table 6.
Current limit characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
IOS
(STMPS2242
STMPS2252) Short circuit output
current
VI =5V
OUT connected to
GND through 10 m
Ω
load, device enabled
into short circuit
0.6
0.8
1.0
A
IOS
(STMPS2262
STMPS2272)
1.1
1.6
2.0
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com