Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCPDL06 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCPDL06
Description  6 Watt DC/DC Power Converters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDL06 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCPDL06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 6Page - Wall Industries,Inc. DCPDL06 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wall Industries, Inc.
Rev C
DCPDL06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 7
REMOTE ON/OFF APPLICATION CIRCUITS
Positive Logic
The positive logic structure turns the DC/DC module ON during a logic High on the CTRL pin and turns the DC/DC module OFF during a logic low
on the CTRL pin. The CTRL pin is an open collector/drain logic input signal (Von/off) that is referenced to GND. When not using the remote
ON/OFF feature please open circuit between the CTRL pin and input pin to turn the module ON.
DC/DC ON
DC/DC OFF
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
Vcc
R
TTL Signal
CONTROL
5K1
ON/OFF PIN
1K
R
2
1
IN
R
Positive Logic
R1 (KΩ)
R2 (KΩ)
Vcc = 4.5~9 VDC
0
7.5
Vcc = 9~18 VDC
2.2
16
Vcc = 18~36 VDC
6.8
33
Vcc = 36~75 VDC
15
68
Negative Logic
The negative logic structure turns the DC/DC module OFF during a logic High on the CTRL pin and turns the DC/DC module ON during a logic
low on the CTRL pin. The CTRL pin is an open collector/drain logic input signal (Von/off) that is referenced to GND. When not using the remote
ON/OFF feature please open circuit between the CTRL pin and input pin to turn the module ON.
DC/DC ON
DC/DC OFF
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
1kΩ
3mA Current
Source
-INPUT
CTRL
DC/DC CONVERTER
+INPUT
Vcc
R
TTL Signal
CONTROL
5K1
ON/OFF PIN
1K
R
2
1
IN
R
R3
Negative Logic
R1 (KΩ)
R2 (KΩ)
R3 (KΩ)
Vcc = 4.5~9 VDC
0.36
5.1
7.5
Vcc = 9~18 VDC
2.7
5.1
16
Vcc = 18~36 VDC
7.5
5.1
33
Vcc = 36~75 VDC
16
5.1
68



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com