Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # MSKW
Description  5 Watt DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

MSKW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  MSKW Datasheet HTML 1Page - Wall Industries,Inc. MSKW Datasheet HTML 2Page - Wall Industries,Inc. MSKW Datasheet HTML 3Page - Wall Industries,Inc. MSKW Datasheet HTML 4Page - Wall Industries,Inc. MSKW Datasheet HTML 5Page - Wall Industries,Inc. MSKW Datasheet HTML 6Page - Wall Industries,Inc. MSKW Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
MSKW Series
5 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
Rev A
SPECIFICATIONS (CONTINUED)
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+71
°C
Operating Temperature (Case)
-40
+90
°C
Storage Temperature
-40
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
Temperature Coefficient
±0.01
±0.02
%/°C
Moisture Sensitivity Level (MSL) Temperature
IPC/JEDEC J-STD-20
Level 2
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1000
Khours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
14 grams
Dimensions (L x W x H)
1.31 x 0.81 x 0.40 inches
33.4 x 20.6 x 10.2 mm
Case Material
Non-conductive black plastic
Flammability
UL94V-0
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Efficiency (Typ)
Maximum
Capacitive Load
MSKW12S33W4
3.3 VDC
120mA
1200mA
434mA
76%
680µF
MSKW12S5W5
5 VDC
100mA
1000mA
521mA
80%
680µF
MSKW12S12W5
12 VDC
41.7mA
417mA
502mA
83%
680µF
MSKW12S15W5
12 VDC
(9 ~ 18 VDC)
15 VDC
33.3mA
333mA
45mA
502mA
25mA
83%
680µF
MSKW24S33W4
3.3 VDC
120mA
1200mA
212mA
78%
680µF
MSKW24S5W5
5 VDC
100mA
1000mA
254mA
82%
680µF
MSKW24S12W5
12 VDC
41.7mA
417mA
245mA
85%
680µF
MSKW24S15W5
24 VDC
(18 ~ 36 VDC)
15 VDC
33.3mA
333mA
15mA
245mA
15mA
85%
680µF
MSKW48S33W4
3.3 VDC
120mA
1200mA
106mA
78%
680µF
MSKW48S5W5
5 VDC
100mA
1000mA
127mA
82%
680µF
MSKW48S12W5
12 VDC
41.7mA
417mA
123mA
85%
680µF
MSKW48S15W5
48 VDC
(36 ~ 75 VDC)
15 VDC
33.3mA
333mA
6mA
122mA
10mA
85%
680µF
DUAL OUTPUT MODELS
Output Current
Input Current
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load Max Load
Reflected
Ripple Current
Efficiency (Typ)
Maximum
Capacitive Load
MSKW12D5W5
±5 VDC
±50mA
±500mA
521mA
80%
100µF
MSKW12D12W5
±12 VDC
±20.8mA
±208mA
501mA
83%
100µF
MSKW12D15W5
12 VDC
(9 ~ 18 VDC)
±15 VDC
±16.7mA
±167mA
45mA
503mA
25mA
83%
100µF
MSKW24D5W5
±5 VDC
±50mA
±500mA
254mA
82%
100µF
MSKW24D12W5
±12 VDC
±20.8mA
±208mA
245mA
85%
100µF
MSKW24D15W5
24 VDC
(18 ~ 36 VDC)
±15 VDC
±16.7mA
±167mA
15mA
246mA
15mA
85%
100µF
MSKW48D5W5
±5 VDC
±50mA
±500mA
127mA
82%
100µF
MSKW48D12W5
±12 VDC
±20.8mA
±208mA
122mA
85%
100µF
MSKW48D15W5
48 VDC
(36 ~ 75 VDC)
±15 VDC
±16.7mA
±167mA
6mA
123mA
10mA
85%
100µF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The MSKW series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not
damage these devices, however they may not meet all listed specifications.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. It is not recommended to use the water-washing process on SMT units.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com