Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVM18F4B7 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVM18F4B7
Description  Special decorative interior/exterior lighting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVM18F4B7 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVM18F4B7 Datasheet HTML 1Page - OPTEK Technologies OVM18F4B7 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue D 05/2011
Page 2 of 2
Storage Temperature Range
-40 ~ +80 °C
Operating Temperature Range
-30 ~ +50 °C
Input Voltage
20 V
Power Dissipation
1.5 W
LED Junction Temperature
125 oC
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Notes:
1.
Lead Solder time less than 10 seconds at temperature extreme.
2.
No Heat sink is required if the string is operated at ambient temperature < 35°C. For long term performance the drive voltage between 12
V and 18 V is recommended. Please contact an Optek sales representative for more information on recommended drive conditions.
Electrical Characteristics / module (T
A = 25
o C unless otherwise noted)
SYMBOL
Notes
MIN
TYP
MAX
UNITS
CONDITIONS
Power
Consumption
Red/Yellow
Green/Blue/White
0.8
0.4
- - -
W
VDC = 18 V
VDC
Input Voltage
18
20
V
Net Weight
- - -
14
- - -
g
Per module
λD
Dominant Wavelength
- - -
See chart
2 Θ½
50% Power Angle
----
120
----
deg
VDC = 18 V
If an entire string is not required for the application, clip wires at mid-span.
Modules can be secured onto a mounting surface with two #1 screws. Modules are waterproof and can be used
outdoors. The installer is responsible for waterproofing the connection to the power source. The installer is also
responsible for the use of an exterior approved power source.
Package Information:
1 tray contains 4 strings of 20 modules each.
Modules are packaged 80 per tray.
4 LED Module
(20 modules / string)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com