Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSA1BBC2R8 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OVSA1BBC2R8
Description  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSA1BBC2R8 Datasheet(HTML) 6 Page - OPTEK Technologies

  OVSA1BBC2R8 Datasheet HTML 1Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 2Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 3Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 4Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 5Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 6Page - OPTEK Technologies OVSA1BBC2R8 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleVLED@optekinc.com www.optekinc.com
Issue C
03/2011
Page 6 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
PLCC4 Surface Mount LED
OVSA1xBC2R8 Series
Solder = Lead-Free
Average ramp-up rate = 4°C / sec. max Peak temperature = 250°C max.
Preheat temperature: 150 - 220°C
Preheat time: 120 sec. max.
Ramp-down rate = 6°C / sec. max.
Duration above 217°C is 60 sec. max
Time within 5°C of actual peak tempera-
ture = 10 sec. max
Reflow Solder Profile



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com