Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSALKXXX Datasheet(PDF) 3 Page - OptoSupply International

Part # OSALKXXX
Description  Anylight with Keychain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSALKXXX Datasheet(HTML) 3 Page - OptoSupply International

  OSALKXXX Datasheet HTML 1Page - OptoSupply International OSALKXXX Datasheet HTML 2Page - OptoSupply International OSALKXXX Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED & Application Technologies
http://www.optosupply.com
VER B.0
3
A
An
ny
ylliig
gh
htt w
wiitth
h K
Ke
ey
yc
ch
ha
aiin
n
O
OS
SA
AL
LK
KX
XX
XX
X
Product Packing Instruction:
Package: Box
5M/ Roll
15 Roll/ Box
Unit: mm
L:390±5mm
W:290±5mm
H:120±5mm
Packaging methods: 5 Boxes/ Carton
Package: Box
5M/ Roll
15 Roll/ Box
Unit:mm
L:397±5mm
W:305±5mm
H:324±5mm
3.1
There are 5 Boxes in carton, totally 75 Roll/ Box
3.2
The dimension of outer carton is 490*250*560mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com