Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSALSXXX Datasheet(PDF) 1 Page - OptoSupply International

Part # OSALSXXX
Description  Anylight with Strand
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSALSXXX Datasheet(HTML) 1 Page - OptoSupply International

  OSALSXXX Datasheet HTML 1Page - OptoSupply International OSALSXXX Datasheet HTML 2Page - OptoSupply International OSALSXXX Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED & Application Technologies
http://www.optosupply.com
VER B.0
1
A
An
ny
ylliig
gh
htt w
wiitth
h S
Sttrra
an
nd
d
O
OS
SA
AL
LS
SX
XX
XX
X
PRODUCT SPECIFICATION FOR Anylight LED Light
Descriptions:
50% Power Angle: 15deg
Operating Time: 5Hrs
LED Type: white LED, 5mm
Weight: 5.84g
Features:
Built-in Li Battery
Micro size and portable
Practically unbreakable LED light
Available with different colors housing
Dual function on/off switch & squeeze button
Application:
Small Area Illuminations
Chart reading for astronomers and pilots
Emergency lighting for home and office
Outdoor activities such as camping and etc
Product Picture:


Similar Part No. - OSALSXXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSALKXXX OPTOSUPPLY-OSALKXXX Datasheet
310Kb / 3P
Anylight with Keychain
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
More results

Similar Description - OSALSXXX

ManufacturerPart #DatasheetDescription
logo
ORION FANS
P1TX6A-SX51-01M ORIONFANS-P1TX6A-SX51-01M Datasheet
225Kb / 10P
The P1TX6-SX51-01M (TX-SX51) is an optical module that transmits an HDMI??signal on one strand of multimode fiber.
logo
OptoSupply Internationa...
OSALKXXX OPTOSUPPLY-OSALKXXX Datasheet
310Kb / 3P
Anylight with Keychain
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
logo
List of Unclassifed Man...
34-08911 ETC2-34-08911 Datasheet
1Mb / 7P
Used to strap coaxial and telephone cable to strand
logo
Tripp Lite. All Rights ...
N392-11M-3X8-AP TRIPPLITE-N392-11M-3X8-AP Datasheet
176Kb / 3P
MTP/MPO (APC) Singlemode Slim Trunk Cable, 24-Strand, 40/100 GbE, 40/100GBASE-PLR4, Plenum, 6mm Dual Jacket, 11 m (36 ft.)
N392-15M-3X8-AP TRIPPLITE-N392-15M-3X8-AP Datasheet
176Kb / 3P
MTP/MPO (APC) Singlemode Slim Trunk Cable, 24-Strand, 40/100 GbE, 40/100GBASE-PLR4, Plenum, 6mm Dual Jacket, 15 m (49 ft.)
N392-38M-3X8-AP TRIPPLITE-N392-38M-3X8-AP Datasheet
175Kb / 3P
MTP/MPO (APC) Singlemode Slim Trunk Cable, 24-Strand, 40/100 GbE, 40/100GBASE-PLR4, Plenum, 6mm Dual Jacket, 38 m (124 ft.)
logo
HARTING Technology Grou...
09-12-008-2733 HARTING-09-12-008-2733 Datasheet
468Kb / 2P
Han Q8/0-F-QL 20-14 AWG fine strand wire
09-12-008-2634 HARTING-09-12-008-2634 Datasheet
493Kb / 2P
Han Q8/0-M-QL 1,5mm짼 fine strand wire
09-12-008-2734 HARTING-09-12-008-2734 Datasheet
480Kb / 2P
Han Q8/0-F-QL 1,5mm짼 fine strand wire
2021-05-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com