Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14-RSC441D1000136 Datasheet(PDF) 1 Page - E-SWITCH

Part # 14-RSC441D1000136
Description  Silver Plated Copper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

14-RSC441D1000136 Datasheet(HTML) 1 Page - E-SWITCH

  14-RSC441D1000136 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RSC441D1000-136
6/26/2014
14-RSC441D1000136
A
EBP
1
1
A
21495
INITIAL RELEASE
6/26/14
EBP
31.50
[1.240 in]
16.70
[.657 in]
9.5
[.37 in]
18.50
[.728 in]
28.0
[1.10 in]
2.00
[.079 in]
7.8
[.31 in]
.80
[.031 in]
6.90
[.272 in]
6.30
[.248 in]
n1.70
[.067 in]
12.00
[.472 in]
24.00
[.945 in]
28.50
[1.122 in]
28.60 - .00
.10
+
1.126 - .000
.004
+
in
[
]
12.10 - .00
.10
+
.476 - .000
.004
+
in
[
]
SUGGESTED PANEL CUTOUT
1
2
CIRCUIT: SPST
3
OFF - ON
3
2
1
POS. 1
POS. 2
POS.
1
POS.
2
1
2
3
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A 125/250VAC (UL/CUL)
16(4) 250V~T85/55 (VDE/ENEC)
20(8)A 250X~ T125/55
5. MATERIAL:
CONTACT SURFACE: SILVER PLATED COPPER
CIRCUIT TERMINAL: BRASS ALLOY w/SILVER PLATE
LED TERMINAL: BRASS
6. ELECTRICAL LIFE: 10,000 CYCLES MIN.
7. CONTACT RESISTANCE: 20 Milli-OHMS MAX.
8. OPERATING TEMP: -20°C TO 85°C
9. DIELECTRIC STRENGTH: >1,000V AC 1MIN
10. LAMP VOLTAGE: 125V NEON BULB
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT.
BLACK
HOUSING
GREEN ACTUATOR
(FULL ILLUMINATION)


Similar Part No. - 14-RSC441D1000136

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RSC441D1100 E-SWITCH-14-RSC441D1100 Datasheet
86Kb / 1P
Silver Plated Copper
14-RSC441D1121 E-SWITCH-14-RSC441D1121 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC441D1A00 E-SWITCH-14-RSC441D1A00 Datasheet
88Kb / 1P
Silver Plated Copper
14-RSC441D1A2Z11 E-SWITCH-14-RSC441D1A2Z11 Datasheet
84Kb / 1P
Silver Plated Copper
14-RSC441D1A83 E-SWITCH-14-RSC441D1A83 Datasheet
90Kb / 1P
Silver Plated Copper
More results

Similar Description - 14-RSC441D1000136

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com