Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14-RSCS00224 Datasheet(PDF) 1 Page - E-SWITCH

Part # 14-RSCS00224
Description  Silver Plated Copper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

14-RSCS00224 Datasheet(HTML) 1 Page - E-SWITCH

  14-RSCS00224 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RSCHT14001000-137
1.5 : 1
4/9/2012
14-RSCS00224
A
rc
1
1
1
3
3
A
20610
Release For Production
5/16/12
rc
31.50
[1.240 in]
16.70
[.657 in]
18.50
[.728 in]
28.10 `.50
1.106 `.020 in
[]
2.00
[.079 in]
2.30 `.50
.09 `.020 in
[]
.80
[.031 in]
13.80
[.543 in]
6.30
[.248 in]
n1.80
[.071 in]
12.00
[.472 in]
13.80
[.543 in]
24.00
[.945 in]
28.50
[1.122 in]
28.60
[1.126 in]
13.90
[.547 in]
SUGGESTED PANEL CUTOUT
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. FUNCTION: SIGNAL LIGHT
5. LAMP VOLTAGE: 250V NEON BULB
6.
DENOTES CRITICAL PARAMETER.
7. 2002/95/EC (ROHS) COMPLIANT.
8. MATERIAL:
HOUSING: POLYAMIDE 6/6, UL94V0, CM3004
ACYUATOR: POLYCARBONATE, UL94V0
BLACK
HOUSING
FULL ILLUMINATION
GREEN
L1
3
CIRCUIT


Similar Part No. - 14-RSCS00224

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RSCS00172 E-SWITCH-14-RSCS00172 Datasheet
73Kb / 1P
Silver Plated Copper
More results

Similar Description - 14-RSCS00224

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com