Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2002 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HAF2002
Description  Silicon N Channel MOS FET Series Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2002 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HAF2002 Datasheet HTML 1Page - Hitachi Semiconductor HAF2002 Datasheet HTML 2Page - Hitachi Semiconductor HAF2002 Datasheet HTML 3Page - Hitachi Semiconductor HAF2002 Datasheet HTML 4Page - Hitachi Semiconductor HAF2002 Datasheet HTML 5Page - Hitachi Semiconductor HAF2002 Datasheet HTML 6Page - Hitachi Semiconductor HAF2002 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HAF2002
5
10
1
0.1
0.01
0.001
10 µ
100 µ
1 m
10 m
Pulse Width
PW (S)
100 m
1
10
V
Monitor
D.U.T.
V
5 V
R L
V
= 30 V
DD
tr
td(on)
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50W
90%
10%
t f
Switching Time Test Circuit
Waveform
GS
GS
VGS
Normalized Transient Thermal Impedance vs. Pulse Width
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
Tc = 25°C
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 4.17 °C/W, Tc = 25 °C
q
g
q
q
1shot
pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com