Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34-RVW12D1123 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-RVW12D1123
Description  Silver Plated Copper
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-RVW12D1123 Datasheet(HTML) 1 Page - E-SWITCH

  34-RVW12D1123 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RVW12D1123
1:1
1/27/2012
34-RVW12D1123
B
BGL
1
1
5
4
4
1
SUGGESTED PANNELL CUTOUT
MAX PANEL THICKNESS 6.0mm
A
20431
RELEASE FOR PRODUCTION
1/27/12
BGL
24.50
[.965 in]
43.20
[1.701 in]
2.00
[.079 in]
9.20 `.50
.362 `.020 in
[]
17.00
[.669 in]
28.30
[1.114 in]
36.50 `.50
1.437 `.020 in
[]
36.70 `.50
1.445 `.020 in
[]
20.60
[.811 in]
19.50
[.768 in]
4.80
[.189 in]
.80
[.031 in]
n1.40
[.055 in]
21.00
[.827 in]
36.80
[1.449 in]
POS. 2
POS. 1
SWITCH FUNCTION
ON
OFF
2-1, 5-4
OPEN
ACTUATOR COLOR
BLACK MATT FINISH
BODY COLOR
BLACK MATT FINISH
NOTES:
1. ALL DIMESNSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. RATINGS: ANSI/UL 508 AND CAN/CSA C22.2 NO.14 (E195908):
20A, 125VAC [cURus]
15A, 277VAC [cURus]
2HP, 110/250VAC [cURus]
4. CONTACT RESISTANCE: 50 mΩ MAX. @ 50VAC
5. INSULATION RESISTANCE: 800 MΩ MIN. @ 500VDC
6. OPERATING TEMPERATURE: -20°C TO +65°C [cURus, CSA]
-20°C TO +125°C [VDE]
7. ELECTRICAL LIFE: 6,000 [cURus]
8. DIELECTRIC STRENGTH: 1,500V FOR 1 MINUTE
9. OPERATING TEMPERATURE: -20°C TO 55°C [cURus]
10. INGRESS PROTECTION: IP54
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (RoHS) COMPLIANT.
POS. 1
POS. 2
WHITE MARKING
ON / OFF VERTICAL
5
2
4
1
CIRCUIT: DPST
OFF - ON
B
20444
CORRECTIONS NOTED WITH REV BALLOON
1/31/12
BGL
B
B
B


Similar Part No. - 34-RVW12D1123

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-RVW41D1100 E-SWITCH-34-RVW41D1100 Datasheet
62Kb / 1P
Silver Plated Copper
34-RVW41D1100116 E-SWITCH-34-RVW41D1100116 Datasheet
67Kb / 1P
Silver Plated Copper
34-RVW41D1100126 E-SWITCH-34-RVW41D1100126 Datasheet
67Kb / 1P
Silver Plated Copper
34-RVW41D1121 E-SWITCH-34-RVW41D1121 Datasheet
64Kb / 1P
Silver Plated Copper
34-RVW41D1123 E-SWITCH-34-RVW41D1123 Datasheet
161Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
More results

Similar Description - 34-RVW12D1123

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com