Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2011L Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HAF2011L
Description  Silicon N Channel MOS FET Series Power Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2011L Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HAF2011L Datasheet HTML 1Page - Hitachi Semiconductor HAF2011L Datasheet HTML 2Page - Hitachi Semiconductor HAF2011L Datasheet HTML 3Page - Hitachi Semiconductor HAF2011L Datasheet HTML 4Page - Hitachi Semiconductor HAF2011L Datasheet HTML 5Page - Hitachi Semiconductor HAF2011L Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HAF2011(L),HAF2011(S)
3
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain current
I
D1
(25)
—
—
A
V
GS = 3.5V, VDS = 2V
Drain current
I
D2
—
—
10
mA
V
GS = 1.2V, VDS = 2V
Drain to source breakdown
voltage
V
(BR)DSS
60
——V
I
D = 10mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
(16)
—
—
V
I
G = (300µA), VDS = 0
Gate to source breakdown
voltage
V
(BR)GSS
(–2.5)
—
—
V
I
G = (–100µA), VDS = 0
Gate to source leak current
I
GSS1
—
—
100
µAV
GS = 8V, VDS = 0
I
GSS2
——
50
µAV
GS = 3.5V, VDS = 0
I
GSS3
——
1
µAV
GS = 1.2V, VDS = 0
I
GSS4
—
—
–100
µAV
GS = –2.4V, VDS = 0
Input current (shut down)
I
GS(op)1
—
0.8
—
mA
V
GS = 8V, VDS = 0
I
GS(op)2
—
0.35
—
mA
V
GS = 3.5V, VDS = 0
Zero gate voltege drain
current
I
DSS
—
—
250
µAV
DS = 50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
—
2.25
V
I
D = 1mA, VDS = 10V
Static drain to source on state
resistance
R
DS(on)
—2533m
Ω
I
D = 20A, VGS = 4V
Note3
Static drain to source on state
resistance
R
DS(on)
—1520m
Ω
I
D = 20A, VGS = 10V
Note3
Forward transfer admittance
|y
fs|25
50
—
S
I
D = 20A, VDS = 10V
Note3
Output capacitance
Coss
—
940
—
pF
V
DS = 10V , VGS = 0
f = 1 MHz
Turn-on delay time
t
d(on)
—
(7.8)
—
µsI
D = 5A, VGS = 5V
Rise time
t
r
—
(64)
—
µsR
L = 6Ω
Turn-off delay time
t
d(off)
—
(19)
—
µs
Fall time
t
f
—
(30)
—
µs
Body–drain diode forward
voltage
V
DF
—
(0.85)
—
V
I
F = 40A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
—
(
)
—
ns
I
F = 40A, VGS = 0
diF/ dt =50A/
µs
Over load shut down
t
os1
—
(
)
—
ms
V
GS = 5V, VDD = 12V
operation time
Note4
t
os2
—
(
)
—
ms
V
GS = 5V, VDD = 24V
Note:
3. Pulse test
4. Include the time shiff based on increasing of chennel temperature when operete under over load
condition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com