Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK54LS3C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK54LS3C1A
Description  3.5x2.8x1.9mm Power Top Pink SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK54LS3C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSK54LS3C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Po
ow
we
er
r T
To
op
p P
Piin
nk
k S
SM
MD
D
L
LE
ED
D
OSK54LS3C1A
■
Features
■
Outline Dimension
●
High Luminous PLCC4 Power Top SMD LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Silicone
■
Applications
●
Automotive Dashboard Lighting
●
Traffic Signal Lamp
●
Back Lighting
●
Other Lighting
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
190
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=50mA
600
1100
-
mcd
x
IF=50mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=50mA
-
0.17
-
50% Power Angle
2θ1/2
IF=50mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSK54LS3C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK543S3C1A OPTOSUPPLY-OSK543S3C1A Datasheet
113Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
More results

Similar Description - OSK54LS3C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Pink SMD LED
OSK5DLS3C1A OPTOSUPPLY-OSK5DLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
OSK5XLS3C1H OPTOSUPPLY-OSK5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Pink Power Top H SMD LED
OSK5DTS5C1A OPTOSUPPLY-OSK5DTS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pink Top SMD LED
OSK57LS3C1A OPTOSUPPLY-OSK57LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Pink SMD LED
OSK573S3C1A OPTOSUPPLY-OSK573S3C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
OSK5DLS1C1A OPTOSUPPLY-OSK5DLS1C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Pink SMD
OS6OGAS1C1A OPTOSUPPLY-OS6OGAS1C1A Datasheet
112Kb / 1P
3.5x2.8x1.9mm Super Salmon Pink SMD LED
OSC84LS1C1A OPTOSUPPLY-OSC84LS1C1A Datasheet
90Kb / 1P
3.5x2.8x1.9mm Baby Pink SMD LED
OSK543S3C1A OPTOSUPPLY-OSK543S3C1A Datasheet
113Kb / 1P
3.5x2.8x1.9mm Pink Power Top SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com