Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP24N60C4 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP24N60C4
Description  High-Gain IGBTs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP24N60C4 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP24N60C4 Datasheet HTML 1Page - IXYS Corporation IXGP24N60C4 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA24N60C4 IXGP24N60C4
IXGH24N60C4
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = I
C110, VCE = 10V, Note 1
10
17
S
C
ies
875
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
60
pF
C
res
28
pF
Q
g
64
nC
Q
ge
I
C = I
C110, VGE = 15V, VCE = 0.5 • VCES
7
nC
Q
gc
28
nC
t
d(on)
21
ns
t
ri
33
ns
E
on
0.40
mJ
t
d(off)
143
ns
t
fi
68
ns
E
off
0.30
0.55
mJ
t
d(on)
20
ns
t
ri
32
ns
E
on
0.63
mJ
t
d(off)
130
ns
t
fi
118
ns
E
off
0.50
mJ
R
thJC
0.65 °C/W
R
thCS
TO-247
0.21
°C/W
Inductive load, T
J = 25°C
I
C = I
C110, VGE = 15V
V
CE = 360V, RG = 10Ω
Note 2
Inductive load, T
J = 125°C
I
C = I
C110, VGE = 15V
V
CE = 360V, RG = 10Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
e
∅ P
TO-247 Outline
1
2
3
Terminals: 1 - Gate
2 - Collector
3 - Emitter
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-220 Outline
Terminals: 1 - Gate
2 - Collector
3 - Emitter
TO-263 Outline
1 = Gate
2 = Collector
3 = Emitter
4 = Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com