Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD4-16 Datasheet(PDF) 3 Page - TRIAD MAGNETICS

Part # FD4-16
Description  Power Transformer Chassis Mount Quick Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FD4-16 Datasheet(HTML) 3 Page - TRIAD MAGNETICS

  FD4-16 Datasheet HTML 1Page - TRIAD MAGNETICS FD4-16 Datasheet HTML 2Page - TRIAD MAGNETICS FD4-16 Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Single Primary
Dual Primary
Dimensions
Wt.
Section
115 V
115 /230 V
VA
Output Rating
L
W
H
A
B
ML
Lbs.
F8-10
FD8-10
10.0V CT @10.0A
F8-12
FD8-12
12.6V CT @ 8.0A
F8-16
FD8-16
16.0V CT @ 6.25A
F8-20
FD8-20
20.0V CT @ 5.0A
A
F8-24
FD8-24
100.0
24.0V CT @ 4.0A
F8-28
FD8-28
28.0V CT @ 3.6A
F8-36
FD8-36
36.0V CT @ 2.8A
F8-48
FD8-48
48.0V CT @ 2.0A
F8-56
FD8-56
56.0V CT @ 1.8A
F8-120
FD8-120
120.0V CT @ 0.85A
:: Quick P ack c on tinued
CT = Center Tap
Mounting hole size: 3/16"
41/32
21/4
29/16
31/16
15/16
39/16
2.75
:: Outline Dimensions
T echnical Notes
1. Hi-pot tested at 2,500 VRMS.
2. Class B insulation for maxumim temperature of 130ºC.
3. Terminal size is .187” x .021”.
Single P r imar y
Dual P r imar y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com