Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38-RSC193C112HILO Datasheet(PDF) 1 Page - E-SWITCH

Part # 38-RSC193C112HILO
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

38-RSC193C112HILO Datasheet(HTML) 1 Page - E-SWITCH

  38-RSC193C112HILO Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RSC193C112HILO
4/2/2014
38-RSC193C112HILO
A
EBP
1
1
1
2
3
1
A
21424
INITIAL RELEASE
4/2/14
EBP
31.60
[1.244 in]
17.00
[.669 in]
18.50
[.728 in]
28.00 `.50
1.10 `.020 in
[
]
2.00
[.079 in]
7.60 `.50
.30 `.020 in
[
]
9.70
[.382 in]
11.90
[.469 in]
23.50
[.925 in]
28.40
[1.118 in]
28.60
[1.126 in]
13.90
[.547 in]
SUGGESTED PANEL CUTOUT
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
2-3
2-1
POS.
1
POS.
2
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @ 125VAC T105 [cURus]
10(4)A @ 250V~ 1E4 T85/55 [ENEC10, VDE]
7.5A @ 250VAC [NOM]
5. MATERIAL:
CONTACT SURFACE: SILVER PLATED COPPER
CIRCUIT TERMINAL: BRASS ALLOY w/SILVER PLATE
6. ELECTRICAL LIFE: 10,000 CYCLES MIN.
7. CONTACT RESISTANCE: 20 m
MAX.
8. INSULATION RESISTANCE: 1,000 M
MIN. @ 500VDC
8. OPERATING TEMP: -20°C TO 85°C @ 1A 5VDC
9. DIELECTRIC STRENGTH: >1,000V AC 1MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT.
BLACK
HOUSING
BLACK ACTUATOR
.80
[.031 in]
n2.10
[.083 in]
6.30
[.248 in]
9.70
[.382 in]
WHITE TEXT
13.80
[.543 in]


Similar Part No. - 38-RSC193C112HILO

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
38-RSC141C1000116 E-SWITCH-38-RSC141C1000116 Datasheet
71Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141C1000126 E-SWITCH-38-RSC141C1000126 Datasheet
74Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141C1123 E-SWITCH-38-RSC141C1123 Datasheet
180Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141D1011137 E-SWITCH-38-RSC141D1011137 Datasheet
69Kb / 1P
ALL DIMENSIONS IN MM [INCH]
38-RSC141D1121 E-SWITCH-38-RSC141D1121 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 38-RSC193C112HILO

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com