Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAT2016R Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HAT2016R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT2016R Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HAT2016R Datasheet HTML 2Page - Hitachi Semiconductor HAT2016R Datasheet HTML 3Page - Hitachi Semiconductor HAT2016R Datasheet HTML 4Page - Hitachi Semiconductor HAT2016R Datasheet HTML 5Page - Hitachi Semiconductor HAT2016R Datasheet HTML 6Page - Hitachi Semiconductor HAT2016R Datasheet HTML 7Page - Hitachi Semiconductor HAT2016R Datasheet HTML 8Page - Hitachi Semiconductor HAT2016R Datasheet HTML 9Page - Hitachi Semiconductor HAT2016R Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HAT2016R
8
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
1000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
ch – f(t) = s (t) •
ch – f
ch – f = 125
°C/W, Ta = 25 °C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
1000
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10
µ
100
µ
1 m
10 m
100 m
1
10
100
1000
1000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
DM
P
PW
T
D =
PW
T
ch – f(t) = s (t) •
ch – f
ch – f = 166
°C/W, Ta = 25 °C
θ
γ
θ
θ
When using the glass epoxy board
(FR4 40x40x1.6 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com