Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP05 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSMP05
Description  Medical AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMP05 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSMP05 Datasheet HTML 1Page - Wall Industries,Inc. PSMP05 Datasheet HTML 2Page - Wall Industries,Inc. PSMP05 Datasheet HTML 3Page - Wall Industries,Inc. PSMP05 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/05/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
DATASHEET
Rev. B
PSMP05 SERIES
85~264VAC (125~373VDC) Input Voltage Range
Single Outputs, Isolation Class II
5 Watts, Open Frame
Medical AC/DC Switching Power Supplies
FEATURES
• Isolation Class II
• 2.28” x 1.77” x 0.75” Open Frame Package
• Single Outputs
• 100% Full Load Burn-in Tested
• Cooling by Free Air Convection
• ±10% Voltage Adjustment
• RoHS Compliant
• Energy Star Compliant
• Green Design, No-Load Power Consumption < 0.3W
• Withstand 2G Vibration Test
• Universal Input Voltage: 85~264VAC or 125~373VDC
• 5 Watts Output Power
• All Using 105°C Long Life Electrolytic Capacitors
• -20°C ~ +70°C Wide Operating Temperature Range
• Short Circuit, Over Load, Over Voltage, and Brown-out
(Low AC Input Voltage) Protection
• UL60601-1, TUV EN60601-1, and IEC60601-1 Medical
Approvals
DESCRIPTION
The PSMP05 series of Medical AC/DC switching mode power supplies provides 5 Watts of continuous output power in a
2.28” x 1.77” x 0.75” open frame package. This series consists of 5V, 12V, 15V, and 24VDC output models with a
universal input voltage range of 85~264VAC or 125~373VDC. These power supplies are protected against short circuit,
over load, over voltage, and brown-out (low AC input voltage) conditions and have an MTBF of 217,400 hours using MIL-
HDBK-217F. This series also has UL60601-1, TUV EN60601-1, and IEC60601-1 medical approvals. All models have been
100% full load burn-in tested and are RoHS and Energy Star compliant.
MEDICAL


Similar Part No. - PSMP05

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PSMP050N10NS2 PANJIT-PSMP050N10NS2 Datasheet
686Kb / 7P
100V N-Channel Enhancement Mode MOSFET
July 21,2022 PSMP050N10NS2-REV.00
PSMP055N08NS1 PANJIT-PSMP055N08NS1 Datasheet
575Kb / 7P
80V N-Channel Enhancement Mode MOSFET
April 6,2022 PSMP055N08NS1-REV.00
More results

Similar Description - PSMP05

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSME05 WALL-PSME05 Datasheet
194Kb / 4P
Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
Medical AC/DC Switching Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
Medical AC/DC Switching Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
Medical AC/DC Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
Medical AC/DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com