Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP10 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSMP10
Description  Medical AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMP10 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSMP10 Datasheet HTML 1Page - Wall Industries,Inc. PSMP10 Datasheet HTML 2Page - Wall Industries,Inc. PSMP10 Datasheet HTML 3Page - Wall Industries,Inc. PSMP10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. B
PSMP10 Series
10 Watts, Open Frame
Single Outputs, Isolation Class II
Medical AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/06/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Ripple & Noise
Efficiency
Output Power
PSMP-10-05
5 VDC
2A
80mVp-p
77%
10W
PSMP-10-12
12 VDC
0.83A
150mVp-p
79%
10W
PSMP-10-15
15 VDC
0.66A
150mVp-p
80%
10W
PSMP-10-24
85 ~ 264 VAC
or
125 ~ 373 VDC
24 VDC
0.42A
240mVp-p
82%
10W
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using 12" twisted pair-wire terminated with 0.1µF and 47µF
capacitors in parallel.
2. Tolerance includes set up tolerance, line regulation, and load regulation.
3. The length of the setup time is measured a first cold start. Turning the power supply ON and OFF very quickly may lead
to an increase in the setup time.
4. The power supply is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
BLOCK DIAGRAM
I/P
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
PWM
CONTROL
RECTIFIERS
&
FILTER
DETECTION
CIRCUIT
+V
-V
DERATING CURVE
85
Ta=25°C
100
110
120
264
40
50
60
70
80
Load vs Input Voltage
Input Voltage (VAC)
90
100
-20
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
20
40
60
80
100
Load vs Temperature
MECHANICAL DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com