Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7553PC Datasheet(PDF) 3 Page - NEC

Part # NDL7553PC
Description  InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7553PC Datasheet(HTML) 3 Page - NEC

  NDL7553PC Datasheet HTML 1Page - NEC NDL7553PC Datasheet HTML 2Page - NEC NDL7553PC Datasheet HTML 3Page - NEC NDL7553PC Datasheet HTML 4Page - NEC NDL7553PC Datasheet HTML 5Page - NEC NDL7553PC Datasheet HTML 6Page - NEC NDL7553PC Datasheet HTML 7Page - NEC NDL7553PC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NDL7553P Series
OPTICAL OUTPUT POWER FROM FIBER vs.
LD PULSE FORWARD CURRENT
0
160
Pulsed Forward Current IFP (mA)
LONGITUDINAL MODE (FROM FIBER)
1550
Wavelength
(nm)
100
200
PW = 10 s
Duty = 1 %
µ
λ
400
600
800
1000
25 ˚C
60 ˚C
5 nm/div
140
120
80
60
40
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com