Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BE151 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # BE151
Description  MUSB CONNECTOR SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

BE151 Datasheet(HTML) 2 Page - Amphenol Corporation

  BE151 Datasheet HTML 1Page - Amphenol Corporation BE151 Datasheet HTML 2Page - Amphenol Corporation BE151 Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Amphenol Canada
Copyright © Amphenol Corporation 2006 • All rights reserved
605 Milner Avenue
Toronto, Ontario, Canada M1B 5X6
Telephone: 416-291-4401
Fax: 416-754-8668
www.amphenolcanada.com or www.amphenolacp.com
Electrical Properties
Current Rating: 1.5 Amperes
Contact Resistance: 30 milliohms maximum
Insulation Resistance: 1000 Mega ohm
DWV: 500 V AC @ sea level
Environmental Properties
Rohs Compliant
Operating Temperature: -40ºC to +105ºC
Thermal Shock: 5 cycles @ -40C to +125C
Humidity: Per EIA 364-31 Condition C Method III
Mechanical & Material Properties
Shell: Nickel Plated Die-cast Zinc Alloy
Housing: High Temperature Thermoplastic UL94V0, Black
Contacts: Phosphor Bronze, 30u˝ (0.76 microns) Gold over Nickel
Physical Shock: Per EIA 364-27 Condition H (11 ms 30G)
Vibration: Per EIA 364-28 per Condition V, Letter A
Available Documents
Drawing Number:
P-MUSB-XXXX-XX
QTR9300377
Series Mini AB
QTR9300378-A
Series A
QTR 9300378-B
Series B
Part Number
MUSB-XXXX-XX
RELATED PRODUCTS
Amphenol manufactures
a line of rugged RJ45,
rugged D-subs and
rugged bulkhead
adapters, all meeting
IP67. Contact your local
Amphenol representative
for details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com