Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSMSRGB-C5 Datasheet(PDF) 1 Page - OptoSupply International

Part # OSMSRGB-C5
Description  Long life, easy installation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMSRGB-C5 Datasheet(HTML) 1 Page - OptoSupply International

  OSMSRGB-C5 Datasheet HTML 1Page - OptoSupply International OSMSRGB-C5 Datasheet HTML 2Page - OptoSupply International OSMSRGB-C5 Datasheet HTML 3Page - OptoSupply International OSMSRGB-C5 Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model No.
OSMSRGB
REV.
C5
1
PRODUCT SPECIFICATION FOR RGB Ribbon Light
Descriptions:
1
Linear separable LED strip on flexible printed circuit board with self-
adhesive back
Long life, easy installation
Voltages available 12VDC
This is common anode to drive
LED Type: SMD LED, 5.0x5.0mm, 120deg
Features:
1
Available in red, green, blue, etc
Directly use on line voltage
Low power consumption, high intensity
Energy saving
Excellent beam control
Long life
Application:
1
Channel letter signs
Indirect accent décor light
Large area back lighting
Under counter light
Decorate building’s contour
Substitute neon light
Product Picture:
1
LED & Application Technologies


Similar Part No. - OSMSRGB-C5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMSRGB OPTOSUPPLY-OSMSRGB Datasheet
371Kb / 4P
RGB Ribbon Light
More results

Similar Description - OSMSRGB-C5

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBAXX OPTOSUPPLY-OSBAXX Datasheet
61Kb / 3P
Long life, easy Installation
OSBDXX OPTOSUPPLY-OSBDXX Datasheet
61Kb / 3P
Long life, easy Installation
OSCAXX OPTOSUPPLY-OSCAXX Datasheet
71Kb / 4P
Long life, easy installation
OSCBXX OPTOSUPPLY-OSCBXX Datasheet
72Kb / 4P
Long life, easy installation
OSCTXX OPTOSUPPLY-OSCTXX Datasheet
106Kb / 5P
Long life, easy installation
OSMFXX-C5 OPTOSUPPLY-OSMFXX-C5 Datasheet
414Kb / 4P
Long life, easy installation
OSMTXX-C5 OPTOSUPPLY-OSMTXX-C5 Datasheet
286Kb / 4P
Long life, easy installation
OSWMXX OPTOSUPPLY-OSWMXX Datasheet
325Kb / 3P
Long life, easy installation
OSWPXX OPTOSUPPLY-OSWPXX Datasheet
321Kb / 3P
Long life, easy installation
SAD12-XXX28B31F OPTOSUPPLY-SAD12-XXX28B31F Datasheet
51Kb / 3P
Long life, easy installation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com