Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM360 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSM360
Description  Medical AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSM360 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSM360 Datasheet HTML 1Page - Wall Industries,Inc. PSM360 Datasheet HTML 2Page - Wall Industries,Inc. PSM360 Datasheet HTML 3Page - Wall Industries,Inc. PSM360 Datasheet HTML 4Page - Wall Industries,Inc. PSM360 Datasheet HTML 5Page - Wall Industries,Inc. PSM360 Datasheet HTML 6Page - Wall Industries,Inc. PSM360 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. A
PSM360 Series
Up to 360 Watts
Active PFC, Single Output
Medical AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
04/27/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 7
SPECIFICATIONS: PSM360 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264Vac (Full Range)
Input Frequency
47 ~ 63Hz
Input Current
4.5A max. at 115Vac
Inrush Current
< 30A peak at 115Vac cold start and 25°C
< 80A peak at 230Vac cold start and 25°C
Power Factor
> 0.9 at 115Vac/230Vac
OUTPUT SPECIFICATIONS
Output Current
See Table
Output Voltage
See Table
Output Regulation (See Note 3)
5%
Output Power
360W max. with 30CFM forced air cooling
Ripple & Noise (20MHz BW) (See Note 4)
±1%
Hold Up Time
20ms typical at 115Vac input
Temperature coefficient
±0.04%/°C
PROTECTION
Short Circuit Protection
Auto-recovery
Over Voltage Protection
110% to 130% above nominal output. Latching type, AC recycle
Over Load Protection
110% to 150% maximum rating. Auto-recovery
GENERAL SPECIFICATIONS
Efficiency
83% typical at 115Vac and full load
86% typical at 230Vac and full load
Isolation Voltage
Input to Output: 5656Vdc
Input to Ground: 2121Vdc
Output to Ground: 707Vdc
Leakage Current
< 300µA at 264Vac
Current Share Option (See Note 1)
Single wire (add the suffix “D” to the part number)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +50°C ambient; each output derates at 2.5% per degree from +50°C to +70°C
Humidity (non-condensing)
5% to 95%
MTBF
>100,000 hours at full load and 25°C ambient temperature
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
U Type: 8.00 x 4.66 x 1.51 inches (203.2 x 118.5 x 38.5 mm)
E Type: 9.03 x 4.66 x 1.63 inches (229.4 x 118.5 x 41.5 mm)
F Type: 8.00 x 4.66 x 2.85 inches (203.2 x 118.5 x 72.5 mm)
Weight
U Type: 40oz (1134g)
E Type: 52.8oz (1497g)
F Type: 52.8oz (1497g)
SAFETY & EMI
Safety Standards
UL 60601-1, CSA-C22.2 NO.601.1-M90, TUV EN60601-1, CB IEC60601-1
EMI Standards
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com