Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMAF150 Datasheet(PDF) 9 Page - Wall Industries,Inc.

Part # PSMAF150
Description  Medical AC/DC Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSMAF150 Datasheet(HTML) 9 Page - Wall Industries,Inc.

  PSMAF150 Datasheet HTML 1Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 2Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 3Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 4Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 5Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 6Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 7Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 8Page - Wall Industries,Inc. PSMAF150 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Wall Industries, Inc.
Rev C
PSMAF150 SERIES
Up to 150 Watts, Medical AC/DC Power Supplies
05/22/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 9 of 9
MODEL NUMBER SETUP
PSMAF
150
-
12
S
-
O
B
Series Name
Output Power
Ouptut Voltage
Output Quantity
Package Type
Protection Type
150: 150 Watts
12: 12 VDC
S: Single Output
O: Open Frame
None: Class I
15: 15 VDC
U: U-Chassis
B: Class II
24: 24 VDC
C: Enclosed Case
28: 28 VDC
F: Enclosed with External Fan
36: 36 VDC
D: DIN Rail (1)
48: 48 VDC
(1) DIN Rail is only available for enclosed case models
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-
2008 certification is just one example of our commitment to producing a high quality, well-documented product for our
customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue
to provide ongoing support for your project above and beyond the design and production phases. Give us a call today to
discuss your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com