Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPDF-150-15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPDF-150-15
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-150-15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPDF-150-15 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-150-15 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. D
PSPDF-150 Series
Up to 153.6 Watts
Single Output, Active PFC
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
07/29/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSPDF-150 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
85~264VAC (120~370VDC)
Input Frequency
47~63Hz
AC Current
2.0A max.
Inrush Current
30A typ. at 115VAC Cold Start
60A typ. at 230VAC Cold Start
Power Factor
PF > 0.98 typ. at 115VAC; PF > 0.94 typ. at 230VAC
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
5V output model: ±2.0%
12V, 15V, 24V, 36V & 48V output models: ±1.0%
Voltage Adjustment Range
See Table
Line Regulation
±0.5%
Load Regulation
±1.0%
Output Current
See Table
Ripple & Noise (See Note 1)
See Table
Setup Time
< 2.0s at 115VAC and full load; < 1.0s at 230VAC and full load
Hold Up Time
> 20ms at 115VAC/230VAC and full load
Temperature Coefficient
±0.03%/°C
Overshoot and Undershoot
< 5.0%
PROTECTION
Over Load Protection
105% ~ 150% of rated output power, hiccup mode, auto-recovery
Over Voltage Protection
110% ~ 150% of rated output voltage, shutdown (5V)
110% ~ 130% of rated output voltage, shutdown (48V)
Short Circuit Protection
Long-term mode, auto-recovery
GENERAL SPECIFICATIONS
Efficiency (typical)
See Table
Primary to Secondary
3000VAC; ≤ 10mA
Primary to PG
1500VAC; ≤ 10mA
Withstand Voltage
Secondary to PG
500VDC; ≤ 10mA
Isolation Resistance
≥ 100MΩ
Input to Output
< 0.25mA
Leakage Current
Input to PG
< 3.5mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
-10°C to +60°C
Storage Temperature
-20°C to +85°C
Working Humidity
20 ~ 90% RH (non-condensing)
Storage Humidity
10 ~ 95% RH (non-condensing)
Cooling Method
Free air convection
MTBF (MIL-HDBK-217F)
> 100,000 hours @ 25°C and full load
PHYSICAL SPECIFICATIONS
Dimensions (L x W x H)
7.64 x 3.90 x 1.97 inches (194 x 99 x 50 mm)
Packing
20PCS/CTN, 15.2Kgs, 0.053CBM
SAFETY & EMC (See Note 2)
Safety Standards
UL60950-1, EN60950-1: 2006
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2, 17625.1-2003
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, light industry level, criteria A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com