Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPRL0801D Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPRL0801D
Description  AC/DC Switching Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801D Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPRL0801D Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 5Page - Wall Industries,Inc. PSPRL0801D Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. A
PSPRL0801D Series
Up to 240 Watts
Dual Output, Active PFC
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/01/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: PSPRL0801D Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 ~ 264VAC full range
Input Frequency
47 to 63Hz
Input Current
5A @ 90VAC
Inrush Current
35A max. @ 115VAC and 70A max. @ 230VAC; cold start.
Remote ON/OFF
Designated as INH on pin 4 of CN3. Requires a low signal to inhibit output.
PFC
Power factor correction pass EN61000-3-2 Class D.
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power (See Note 2)
240 Watts max. with 25CFM airflow.
Output Adjustability
Output adjustable ±5% minimum.
Regulation
±5%
Output Current
See Table
Ripple & Noise (See Note 3)
1% (peak to peak)
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not exceed 5%.
Hold-Up Time
16ms min. at 80% of full load and 120VAC
Overshoot
Turn-on & off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trips without damage and auto-recovery.
Over Temperature Protection
Unit protected against excessive operating ambient 85°C±5°C; automatic recovery.
Over Power Protection
Foldback mode 110~140%; auto-recovery.
Input Fusing Protection
One F5A/350V fuse inserted into primary.
GENERAL SPECIFICATIONS
Switching Frequency
70KHz fixed frequency.
Efficiency
70% typical (Measured at 230VAC and full load).
Withstand Voltage
1500VAC input line to chassis (10mA DC cut-off current). 3000VAC primary to secondary windings; 1500VAC
primary to core. All for 3 sec.
Leakage Current
3.5mA @ 240VAC
Burn In
45 ±5°C for 1 hour @ 230VAC with full load.
Power Good
Designated as PG on CN3 and TTL high 100-500ms after DC regulation. It goes low at least 1ms before loss of
regulation and has ability to sink 100mA.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max. allowable resistance is 0.1Ω.
Fan Drive
12VDC/300mA offering to drive an external fan.
Fan Fail (FF) Alarm
Designated as FF on pin 3 of CN3 is an open collector output rated for 28VDC/5mA sink current maximum; it will
go high when a fan failure is detected.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration ±7.35 m/(s x s) on X, Y, and Z axis.
Cooling (See Note 2)
U Type (U-Chassis): 240W max with 25CFM forced airflow or 120W under convection cooling.
C Type (U-Chassis with top cover): 240W max with 25CFM forced airflow or 120W under convection cooling.
E Type (Enclosed with rear side built-in fan): 240W max.
F Type (Enclosed with top built-in fan): 240W max.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 17.64oz (500g)
C Type (U-Chassis with top cover): 19.40oz (550g)
E Type (Enclosed with rear side built-in fan): 22.93oz (650g)
F Type (Enclosed with top built-in fan): 21.16oz (600g)
Dimensions (L x W x H)
U Type (U-Chassis): 5 x 3.2 x 1.5 inches (127.00 x 81.28 x 38.10 mm)
C Type (U-Chassis with top cover): 5 x 3.2 x 1.66 inches (127.00 x 81.28 x 42.10 mm)
E Type (Enclosed with rear side built-in fan): 6.5 x 3.2 x 1.6 inches (165.10 x 81.28 x 40.64 mm)
F Type (Enclosed with top built-in fan): 5 x 3.2 x 2 inches (127.00 x 81.28 x 50.8 mm)
SAFETY
Emissions
FCC Part 15, CISPR 22 class B, conducted.
Safety Regulations
Approved to UL60950-1, TUV EN60950-1, CE Mark EN55022 & EN55024 regulations and CB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com