Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPW500 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # PSPW500
Description  AC/DC Switching Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPW500 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  PSPW500 Datasheet HTML 1Page - Wall Industries,Inc. PSPW500 Datasheet HTML 2Page - Wall Industries,Inc. PSPW500 Datasheet HTML 3Page - Wall Industries,Inc. PSPW500 Datasheet HTML 4Page - Wall Industries,Inc. PSPW500 Datasheet HTML 5Page - Wall Industries,Inc. PSPW500 Datasheet HTML 6Page - Wall Industries,Inc. PSPW500 Datasheet HTML 7Page - Wall Industries,Inc. PSPW500 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. C
PSPW500 Series
500 Watts with Forced Air
Active PFC, Single Outputs
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/14/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 8
MATCHING CONNECTORS
CN1: Input Connector
CN2: +5VSB Output Connector
3-Pole Terminal block pitch: 8.25mm rate 8A/250V
JST B2B-XH-A pitch: 2.5mm or equivalent
Pin No
Signal
Mates with female housing JST XHP-2 or equivalent
1
AC Neutral
Pin No
Signal
2
AC Line
1
+5VSB
3
FG
2
GND
CN3: Remote Sense Connector
CN4: Main Output Connector
JST B6B-XH-A pitch: 2.5mm or equivalent
6-Pole Terminal block pitch: 8.25mm rate 8A/250V
Mates with female housing JST XHP-6 or equivalent
Pin No
Signal
Pin No
Signal
1
+Vo
1
+Sense
2
+Vo
2
-Sense
3
+Vo
3
+5VSB
4
RTN
4
GND
5
RTN
5
INHIBIT (Remote Control)
6
RTN
6
Current Share
INHIBIT: Logic Level HIGH (+5V): Enable, Logic Level LOW: Disable (0V)
CN5: Fan Control & Power Good Signal Connector
Pitch: 2.54x2.54mm dual row 3x2 contacts
Pin No
Signal
1
FAN FAULT
2, 3
FAN FULL SPEED
4
POWER GOOD
5
GND
6
GND
POWER GOOD GND
GND
FAN FAULT
FAN
FULL SPEED
CN5
1
3
4
6
FAN FAULT: Fan Status Indication; Fan Good: Logic Level HIGH (+5V); Fan Fault: Logic Level LOW (0V)
FAN FULL SPEED: Short these 2 pins (#2 and #3) with mini-jumper to get highest fan speed
POWER GOOD: Power Good: Logic Level HIGH (+5V); Power Fault: Logic LOW (0V)
FAN1: Fan Output Connector
FAN2: Fan Output Connector
JST S2B-XH-A pitch: 2.5mm or eqivalent
JST B2B-XH-A pitch: 2.5mm or eqivalent
Mates with female housing JST XHP-2 or equivalent
Mates with female housing JST XHP-2 or equivalent
Pin No
Signal
Pin No
Signal
1
+12VDC FAN+
1
+12VDC FAN+
2
+12VDC FAN-
2
+12VDC FAN-
DERATING CURVE
Ambient Temperature (°C)
120
100
80
60
40
20
0
0
10
20
30
40
50
60
70
80
E & F Types with 15CFM Forced Air
U Type with Convection Cooling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com