Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7605P Datasheet(PDF) 1 Page - NEC

Part # NDL7605P
Description  1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7605P Datasheet(HTML) 1 Page - NEC

  NDL7605P Datasheet HTML 1Page - NEC NDL7605P Datasheet HTML 2Page - NEC NDL7605P Datasheet HTML 3Page - NEC NDL7605P Datasheet HTML 4Page - NEC NDL7605P Datasheet HTML 5Page - NEC NDL7605P Datasheet HTML 6Page - NEC NDL7605P Datasheet HTML 7Page - NEC NDL7605P Datasheet HTML 8Page - NEC NDL7605P Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
Document No. P14039EJ2V0DS00 (2nd edition)
Date Published July 1999 NS CP(K)
Printed in Japan
LASER DIODE
NDL7605P Series
1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS
InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The NDL7605P Series is a 1 310 nm uncooled isolated coaxial DFB laser diode. It is especially designed for
optical CATV return path applications.
FEATURES
• Low distortion
IMD2 =
−50 dBc MAX.*1@ TC = 25 °C
IMD2 =
−45 dBc MAX.*1@ TC = −40 to +85 °C
IMD3 =
−60 dBc MAX.*1@ TC = −40 to +85 °C
• Output power
Pf = 2.0 mW
• Long wavelength
λ p = 1 310 nm
• Internal InGaAs monitor PD and isolator
• Single mode fiber pigtail with FC-UPC, SC-UPC or SC-APC connector
• Wide operating temperature range
TC =
−40 to +85 °C
*1 2-ch, Optical loss = 7 dB, OMI = 10 %/ch


Similar Part No. - NDL7605P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NDL7605P RENESAS-NDL7605P Datasheet
221Kb / 14P
LASER DIODE
1999
More results

Similar Description - NDL7605P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7660P NEC-NDL7660P Datasheet
69Kb / 6P
1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7670P NEC-NDL7670P Datasheet
69Kb / 6P
1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7672P NEC-NDL7672P Datasheet
50Kb / 6P
1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
NDL7673P NEC-NDL7673P Datasheet
55Kb / 6P
1310 nm OPTICAL CATV/ANALOG APPLICATIONS InGaAsP MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com