Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2418EB Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2418EB
Description  High Power and current handling capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2418EB Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2418EB Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2418EB Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2418EB Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2418EB Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2418EB Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.2
SSF2418EB
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±10
uA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
1
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=6A
18
21
mΩ
VGS=4.0V, ID=5.5A
19
22
mΩ
VGS=3.1V, ID=5A
21
26
mΩ
VGS=2.5V, ID=4A
25
30
mΩ
Forward Transconductance
gFS
VDS=5V,ID=6A
7
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
VDS=10V,VGS=0V,
F=1.0MHz
650
PF
Output Capacitance
Coss
170
PF
Reverse Transfer Capacitance
Crss
150
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
VDD=10V,ID=1A
VGS=4.5V,RGEN=10Ω
20
nS
Turn-on Rise Time
tr
50
nS
Turn-Off Delay Time
td(off)
64
nS
Turn-Off Fall Time
tf
40
nS
Total Gate Charge
Qg
VDS=10V,ID=6A,
VGS=4.5V
8
nC
Gate-Source Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
2
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
0.76
1.1
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com