Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7231 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM7231
Description  Bottom Port Digital Silicon Microphone
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7231 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7231 Datasheet HTML 1Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 2Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 3Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7231 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
w
WM7231, WM7231E
Bottom Port Digital Silicon Microphone
WOLFSON MICROELECTRONICS plc
Pre-Production, January 2014, Rev 3.0
Copyright
2014 Wolfson Microelectronics plc
DESCRIPTION
The WM7231 is a low-profile silicon digital microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7231
incorporates
Wolfson’s
proprietary
CMOS/MEMS
membrane
technology,
offering
high
reliability and high performance in a miniature, low-profile
package. The WM7231 is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7231 incorporates a high performance ADC,
which outputs a single-bit Pulse Density Modulated (PDM)
audio data stream. The WM7231 supports selectable
left/right channel assignment for a two-channel digital
microphone interface, enabling efficient connection of
multiple microphones in stereo/array configurations.
The WM7231E variant offers a tighter tolerance on the
microphone sensitivity, giving reduced variation between
parts. This removes the need for in-line production
calibration of part-to-part microphone variations.
FEATURES
High SNR; selectable sensitivity tolerance options
-
WM7231 – SNR 60dB, Sensitivity +/-3dB
-
WM7231E – SNR 60dB, Sensitivity +/-1dB
Low power
-
Sleep Mode - 2μA
-
Normal Operation - 735μA
Low profile packaging
Support for automated flow solder assembly
PDM Digital audio output
Stereo/array operation
Proprietary ADC technology
-
Reduced clock jitter sensitivity
-
Low noise floor modulation
-
Stable in overload condition
Bottom Port Package
1.62V to 3.7V supply
4.00 mm x 3.00 mm x 1.00mm Thin Package Design
APPLICATIONS
Mobile telephone handsets
Portable computers
Portable media players
Digital still cameras
Digital video cameras
Bluetooth headsets
Portable navigation devices
BLOCK DIAGRAM
WM7231
AMP
Transducer
(CMOS MEMS)
VDD
DAT
CHARGE
PUMP
GND
ADC
CONTROL
CLK
LRSEL


Similar Part No. - WM7231

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7230IMS/RV WOLFSON-WM7230IMS/RV Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7230IMS/V WOLFSON-WM7230IMS/V Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7230IMSE/RV WOLFSON-WM7230IMSE/RV Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7230IMSE/V WOLFSON-WM7230IMSE/V Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
More results

Similar Description - WM7231

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7236 CIRRUS-WM7236 Datasheet
739Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com