Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9871 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP9871
Description  Power Cord, C19 to L6-20P, 3.7m
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9871 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP9871 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AP9871

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9871GH-HF A-POWER-AP9871GH-HF Datasheet
99Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9871GH-HF A-POWER-AP9871GH-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP9871

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P011006 TRIPPLITE-P011006 Datasheet
519Kb / 2P
Heavy-Duty Computer Power Cord, 15A, 14AWG (IEC-320-C13 to NEMA L6-20P), 6-ft
P040006 TRIPPLITE-P040006 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft
P040012 TRIPPLITE-P040012 Datasheet
490Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 12AWG (IEC-320-C19 to NEMA L6-20P), 12-ft
P040014 TRIPPLITE-P040014 Datasheet
489Kb / 2P
Heavy-Duty Power Extension Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 14-ft
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
P0390012 TRIPPLITE-P0390012 Datasheet
468Kb / 2P
Heavy-Duty Y Splitter Power Cord for PDU and UPS, 20A, 10AWG (NEMA L6-20P to 2x NEMA L6-20R), 1ft
P040-006 TRIPPLITE-P040-006 Datasheet
490Kb / 2P
Heavy-Duty Power Cord for PDU and UPS, 20A, 12AWG (IEC-320-C19 to NEMA L6-20P), 6-ft.
P040-010 TRIPPLITE-P040-010 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 10 ft., Black
P040-012 TRIPPLITE-P040-012 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 12 ft., Black
P040-014 TRIPPLITE-P040-014 Datasheet
165Kb / 2P
C19 to L6-20P Heavy-Duty Power Cord - 20A, 250V, 12 AWG, 14 ft., Black
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com